Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STBLED627 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STBLED627
Description  N-channel 620 V, 0.95 Ω, 7.0 A Power MOSFET in D2PAK and in DPAK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBLED627 Datasheet(HTML) 1 Page - STMicroelectronics

  STBLED627 Datasheet HTML 1Page - STMicroelectronics STBLED627 Datasheet HTML 2Page - STMicroelectronics STBLED627 Datasheet HTML 3Page - STMicroelectronics STBLED627 Datasheet HTML 4Page - STMicroelectronics STBLED627 Datasheet HTML 5Page - STMicroelectronics STBLED627 Datasheet HTML 6Page - STMicroelectronics STBLED627 Datasheet HTML 7Page - STMicroelectronics STBLED627 Datasheet HTML 8Page - STMicroelectronics STBLED627 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
August 2013
DocID025173 Rev 1
1/18
18
STBLED627,
STDLED627
N-channel 620 V, 0.95
Ω, 7.0 A Power MOSFET
in D2PAK and in DPAK
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• 100% avalanche tested
• Extremely high dv/dt capability
• Gate charge minimized
• Very low intrinsic capacitance
• Improved diode reverse recovery
characteristics
• Zener-protected
Applications
• LED lighting applications
Description
These Power MOSFETs boast extremely low on
resistance and very good dv/dt capability,
rendering them suitable for buck-boost and
fyback topologies.
1
3
TAB
1
3
TAB
D²PAK
DPAK
D(2,TAB)
G(1)
S(3)
AM01476v1
Order codes
VDSS
RDS(on)
max.
ID
Pw
STBLED627
620 V
< 1.2
Ω
7.0 A
90 W
STDLED627
Table 1. Device summary
Order codes
Marking
Package
Packaging
STBLED627
LED627
D²PAK
DPAK
Tape and reel
STDLED627
www.st.com


Similar Part No. - STBLED627

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBLESENSOR STMICROELECTRONICS-STBLESENSOR Datasheet
1Mb / 5P
Wireless motion detector based on Bluetooth® Low Energy and PIR sensor
11-Apr-2022
More results

Similar Description - STBLED627

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
17-Aug-2009
STFILED627 STMICROELECTRONICS-STFILED627 Datasheet
1Mb / 15P
N-channel 620 V, 0.95 Ω typ., 7.0 A Power MOSFET in I²PAKFP and TO-220
28-Aug-2013
STD7N95K5AG STMICROELECTRONICS-STD7N95K5AG Datasheet
346Kb / 15P
Automotive‑grade N‑channel 950 V, 0.95 Ω typ., 9 A MDmesh K5 Power MOSFET in a DPAK package
05-May-2021
STD16N60M6 STMICROELECTRONICS-STD16N60M6 Datasheet
339Kb / 15P
N-channel 600 V, 0.260 Ω typ., 12 A MDmesh M6 Power MOSFET in a DPAK package
08-May-2020
STD12N60M2 STMICROELECTRONICS-STD12N60M2 Datasheet
590Kb / 19P
N-channel 600 V, 0.395 Ω typ., 9 A MDmesh M2 Power MOSFET in a DPAK package
12-Apr-2019
STD3N65M6 STMICROELECTRONICS-STD3N65M6 Datasheet
630Kb / 18P
N-channel 650 V, 1.4 Ω typ., 3.5 A MDmesh M6 Power MOSFET in a DPAK package
08-Jul-2019
STDLED602 STMICROELECTRONICS-STDLED602 Datasheet
1Mb / 19P
N-channel 600 V, 4 Ω typ., 2 A Power MOSFET in DPAK and IPAK packages
21-Mar-2013
STDLED624 STMICROELECTRONICS-STDLED624 Datasheet
1Mb / 22P
N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
21-Mar-2013
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1_V01 Datasheet
731Kb / 32P
N-channel 600 V, 1.7 Ω typ., 4 A SuperMESH™ Power MOSFETs in I2PAK, D2PAK, IPAK and DPAK packages
05-Apr-2018
STD35NF06L STMICROELECTRONICS-STD35NF06L_V01 Datasheet
650Kb / 14P
N-channel 60 V, 0.014 Ω, 35 A STripFET™ II Power MOSFET in a DPAK package
19-Apr-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com