Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STU11N65M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STU11N65M2
Description  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU11N65M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STU11N65M2 Datasheet HTML 2Page - STMicroelectronics STU11N65M2 Datasheet HTML 3Page - STMicroelectronics STU11N65M2 Datasheet HTML 4Page - STMicroelectronics STU11N65M2 Datasheet HTML 5Page - STMicroelectronics STU11N65M2 Datasheet HTML 6Page - STMicroelectronics STU11N65M2 Datasheet HTML 7Page - STMicroelectronics STU11N65M2 Datasheet HTML 8Page - STMicroelectronics STU11N65M2 Datasheet HTML 9Page - STMicroelectronics STU11N65M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
STD11N65M2, STP11N65M2, STU11N65M2
6/21
DocID026376 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for DPAK and
IPAK
Figure 3. Thermal impedance for DPAK and
IPAK
ID
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
10µs
1ms
TC=150°C
Tamb=25°C
Single pulse
100µs
1
10
10ms
GIPG120520141711SA
Figure 4. Safe operating area for TO-220
Figure 5. Thermal impedance for TO-220
ID
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
10µs
1ms
TC=150°C
Tamb=25°C
Single pulse
100µs
1
10
10ms
GIPG120520141723SA
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
6
4
2
0
0
10
VDS(V)
(A)
5
15
8
5V
6V
VGS= 8, 9, 10V
20
10
7V
12
14
GIPD241020131645FSR
ID
4
0
0
4
VGS(V)
8
(A)
2
6
8
12
VDS=19V
14
10
6
2
10
GIPD241020131653FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com