Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD13N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD13N60DM2
Description  Fast-recovery body diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD13N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STD13N60DM2 Datasheet HTML 1Page - STMicroelectronics STD13N60DM2 Datasheet HTML 2Page - STMicroelectronics STD13N60DM2 Datasheet HTML 3Page - STMicroelectronics STD13N60DM2 Datasheet HTML 4Page - STMicroelectronics STD13N60DM2 Datasheet HTML 5Page - STMicroelectronics STD13N60DM2 Datasheet HTML 6Page - STMicroelectronics STD13N60DM2 Datasheet HTML 7Page - STMicroelectronics STD13N60DM2 Datasheet HTML 8Page - STMicroelectronics STD13N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
December 2016
DocID029209 Rev 2
1/16
This is information on a product in full production.
www.st.com
STD13N60DM2
N-
channel 600 V, 0.310 Ω typ., 11 A MDmesh™ DM2
Power MOSFET in a DPAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STD13N60DM2
600 V
0.365 Ω
11 A
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STD13N60DM2
13N60DM2
DPAK
Tape and reel


Similar Part No. - STD13N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD13N60M2 STMICROELECTRONICS-STD13N60M2 Datasheet
1Mb / 23P
Extremely low gate charge
12-Sep-2016
STD13N60M6 STMICROELECTRONICS-STD13N60M6 Datasheet
526Kb / 16P
N-channel 600 V, 320 m typ., 10 A, MDmesh M6 Power MOSFET in a DPAK package
17-Oct-2019
More results

Similar Description - STD13N60DM2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA07N60CFD INFINEON-SPA07N60CFD Datasheet
348Kb / 12P
CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-26
SPP07N60CFD INFINEON-SPP07N60CFD Datasheet
340Kb / 12P
CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.4 2009-11-27
SPP15N60CFD INFINEON-SPP15N60CFD Datasheet
340Kb / 12P
CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.2 2007-08-28
SPI15N60CFD INFINEON-SPI15N60CFD Datasheet
333Kb / 12P
CoolMOSTM Power Transistor Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-29
SPW15N60CFD INFINEON-SPW15N60CFD Datasheet
700Kb / 14P
Intrinsic fast-recovery body diode
2008-02-11 revision:1.2
logo
STMicroelectronics
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
Fast-recovery body diode
28-Jan-2016
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
Fast-recovery body diode
02-Jul-2015
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
Fast-recovery body diode
March 2016 Rev 2
STF12N50DM2 STMICROELECTRONICS-STF12N50DM2 Datasheet
709Kb / 13P
Fast-recovery body diode
07-Mar-2016
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
Fast-recovery body diode
08-Aug-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com