Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD45P4LLFAG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD45P4LLFAG
Description  Automotive-grade P-channel -40 V, 12 mΩ typ., -50 A STripFET™F6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD45P4LLFAG Datasheet(HTML) 4 Page - STMicroelectronics

  STD45P4LLFAG Datasheet HTML 1Page - STMicroelectronics STD45P4LLFAG Datasheet HTML 2Page - STMicroelectronics STD45P4LLFAG Datasheet HTML 3Page - STMicroelectronics STD45P4LLFAG Datasheet HTML 4Page - STMicroelectronics STD45P4LLFAG Datasheet HTML 5Page - STMicroelectronics STD45P4LLFAG Datasheet HTML 6Page - STMicroelectronics STD45P4LLFAG Datasheet HTML 7Page - STMicroelectronics STD45P4LLFAG Datasheet HTML 8Page - STMicroelectronics STD45P4LLFAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STD45P4LLF6AG
4/16
DocID027807 Rev 2
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = -250 µA
-40
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = -40 V
-1
µA
VGS = 0 V, VDS = -40 V,
Tcase = 125 °C
-10
IGSS
Gate-body leakage current
VDS = 0 V, VGS = -18 V
-100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = -250 µA
-1
-2.5
V
RDS(on)
Static drain-source on-
resistance
VGS = -10 V, ID = -25 A
12
15
mΩ
VGS = -4.5 V, ID = -25 A
17
20
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = -25 V, f = 1 MHz,
VGS = 0 V
-
3525
-
pF
Coss
Output capacitance
-
345
-
Crss
Reverse transfer
capacitance
-
240
-
Qg
Total gate charge
VDD = -20 V, ID = -50 A,
VGS = -10 V (see Figure 14:
"Gate charge test circuit")
-
65.5
-
nC
Qgs
Gate-source charge
-
11.5
-
Qgd
Gate-drain charge
-
13
-
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = -20 V, ID = -25 A
RG = 4.7
Ω, VGS = -10 V (see
Figure 13: "Switching times test
circuit for resistive load" )
-
12
-
ns
tr
Rise time
-
35.5
-
td(off)
Turn-off delay time
-
63.5
-
tf
Fall time
-
31
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com