Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STH80N10F7-2 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STH80N10F7-2
Description  Ultra low on-resistance
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH80N10F7-2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STH80N10F7-2 Datasheet HTML 13Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 14Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 15Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 16Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 17Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 18Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 19Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 20Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DocID025865 Rev 1
17/25
STD80N10F7, STF80N10F7, STH80N10F7-2, STP80N10F7
Package mechanical data
25
Table 10. H²PAK-2 mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.30
-
4.80
A1
0.03
0.20
C1.17
1.37
e4.98
5.18
E0.50
0.90
F0.78
0.85
H
10.00
10.40
H1
7.40
7.80
L
15.30
15.80
L1
1.27
1.40
L2
4.93
5.23
L3
6.85
7.25
L4
1.5
1.7
M2.6
2.9
R0.20
0.60
V0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com