Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFP50 Datasheet(PDF) 2 Page - Riedon Powertron

Part # MFP50
Description  Precision Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MFP50 Datasheet(HTML) 2 Page - Riedon Powertron

  MFP50 Datasheet HTML 1Page - Riedon Powertron MFP50 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
05/14
Test
Procedure
Specification ∆R
Typical ∆R
Dielectric
3X rated Voltage, 1min
±0.2% + 0.1Ω
±0.02%
Load Life
Rated Power, 70°C, 2000hr
±0.5% + 0.01Ω
±0.1%
Temp. Cycling
30 minutes at -55°C & 30 minutes at
150°C ( 5 total number of cycles)
±0.2% + 0.01Ω
±0.05%
Short Time Overload
2.5X Rated Power, 5s @ 25°C
±0.2% + 0.01Ω
±0.02%
Humidity Resistance
40°C, 90 to 95% RH, 56 days
(Dissipitation ≤ 0.01 Pn)
±0.5% + 0.05Ω
±0.1%
Solder Heat
260°C ± 5°C , 10 sec, 6 mm from the
body
±0.1% + 0.01Ω
±0.03%
Shock
1Km/s2
±0.2% + 0.01Ω
±0.02%
Vibration
10 to 2000 Hz: m/S2
±0.2% + 0.01Ω
±0.02%
Low Temperature Expo-
sure
2 hours at -65°C
±0.2% + 0.01Ω
±0.05%
High Temperature Expo-
sure
16 hours at 150°C
±0.2% + 0.01Ω
±0.1%
Solderability
Solder Dip ± 0.5 at 235° ± 5°C
95% Coverage
95% Coverage
Insulation Resistance
500VDC, 1min
10G Ohm
10G Ohm
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
MFP Series
Precision Metal Film Resistors
Performance Data



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com