Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2861 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2861
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2861 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2861 Datasheet HTML 1Page - RF Micro Devices RF2861 Datasheet HTML 2Page - RF Micro Devices RF2861 Datasheet HTML 3Page - RF Micro Devices RF2861 Datasheet HTML 4Page - RF Micro Devices RF2861 Datasheet HTML 5Page - RF Micro Devices RF2861 Datasheet HTML 6Page - RF Micro Devices RF2861 Datasheet HTML 7Page - RF Micro Devices RF2861 Datasheet HTML 8Page - RF Micro Devices RF2861 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8-1
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
IF OUT+
IF OUT-
GND
LO IN
G2
LNA IN
LNA EMITTER
LNA OUT
8
7
6
5
3
4
1
2
13
14
15
16
10
9
12
11
RF2861
CDMA LOW NOISE AMPLIFIER/MIXER
900MHz DOWNCONVERTER
• CDMA/JCDMA Cellular Systems
• CDMA450 Handsets/Data Cards
• AMPS Cellular Systems
• General Purpose LNA and Downconverter
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2861 is a receiver front-end for CDMA cellular
applications, including JCDMA and CDMA450. It is
designed to amplify and downconvert RF signals, using a
three gain state LNA to obtain 17dB of stepped gain con-
trol. Features include digital control of LNA gain and
power down mode, along with an integrated TX LO buffer
amplifier. Another feature of the chip is adjustable IIP3 of
the LNA and mixer using off-chip current setting resistors
to allow for minimum DC current consumption. Noise fig-
ure, IIP3, and other specs are designed to be compatible
with the TIA/EIA 98D standard for CDMA cellular commu-
nications. The IC is manufactured on an advanced Silicon
Germanium Bi-CMOS process and is in a 3mmx3mm,
16-pin, QFN.
• 3mmx3mm LNA/Mixer Solution
• Adjustable LNA and Mixer Current/IIP3
• Meets IMD Tests with Three Gain
States/Two Logic Control Pins
• Integrated TX LO Buffer Amplifier
• Full ESD Protection on all Pins
RF2861
CDMA Low Noise Amplifier/Mixer 900MHz Down-
converter
RF2861 PCBA-410 Fully Assembled Evaluation Board
0
Rev A2 040107
0.90
0.85
0.05 C
0.05
0.00
0.70
0.65
12°
MAX
-C-
SEATING
PLANE
1.50 TYP
0.10 C A
2 PLCS
-A-
3.00
0.10 C B
2 PLCS
1.37 TYP
0.10 C A
2 PLCS
2.75 SQ
0.10 C B
2 PLCS
3.00
-B-
0.60
0.24
TYP
0.50
0.30
PIN 1 ID
R.20
0.50
1.65
1.35
SQ.
0.10
C AB
M
0.30
0.18
2
NOTES:
1. Shaded lead is pin 1.
Dimension applies to plated terminal: to be measured
between 0.20 mm and 0.25 mm from terminal end.
2
Dimensions in mm.
Package Style: QFN, 16-Pin, 3x3


Similar Part No. - RF2861

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2861 RFMD-RF2861 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861PCBA-41X RFMD-RF2861PCBA-41X Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861PCBA-41X RFMD-RF2861PCBA-41X Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results

Similar Description - RF2861

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685_00 Datasheet
174Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Rev 1; 12/00
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com