Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF15N60M2-EP Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF15N60M2-EP
Description  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N60M2-EP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF15N60M2-EP Datasheet HTML 2Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 3Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 4Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 5Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 6Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 7Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 8Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 9Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STF15N60M2-EP, STFI15N60M2-EP
6/15
DocID027373 Rev 1
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Normalized gate threshold voltage
vs temperature
Figure 7: Normalized V(BR)DSS vs temperature
GIPG200120151046MT
ID
1
0.1
0.1
1
VDS(V)
10
(A)
O
per
at
ion
in
thi
s
ar
ea
is
Li
m
ite
d
by
m
ax
R
D
S(o
n)
10µs
1ms
100µs
0.01
Tj=150°C
Tc=25°C
Single pulse
10ms
100
10
K
10-4
Tp(s)
10-3
10-2
10-1
100
10-3
10-2
10-1
GC20940
GIPG121220141416MT
ID
15
5
0
0
4
VDS(V)
8
(A)
12
6V
VGS=7, 8, 9, 10V
10
20
16
4V
5V
GIPG121220141419MT
ID
20
10
0
0
4
VGS(V)
8
(A)
2
6
5
15
VDS=17V
0.9
0.8
0.7
0.6
-75
-25
T
J(°C)
1.0
25
75
125
I
D = 250 µA
1.1
V
GS(th)
(norm)
GIPG181120141615ALS
GIPG191120141457ALS
-75
T
J(°C)
-25
75
25
125
0.88
0.92
0.96
1.04
1.00
1.08
I
D = 1mA
V
(BR)DSS
(norm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com