Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF16N65M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF16N65M2
Description  Zener-protected
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF16N65M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF16N65M2 Datasheet HTML 2Page - STMicroelectronics STF16N65M2 Datasheet HTML 3Page - STMicroelectronics STF16N65M2 Datasheet HTML 4Page - STMicroelectronics STF16N65M2 Datasheet HTML 5Page - STMicroelectronics STF16N65M2 Datasheet HTML 6Page - STMicroelectronics STF16N65M2 Datasheet HTML 7Page - STMicroelectronics STF16N65M2 Datasheet HTML 8Page - STMicroelectronics STF16N65M2 Datasheet HTML 9Page - STMicroelectronics STF16N65M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STF16N65M2
6/13
DocID027084 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Normalized gate threshold voltage vs.
temperature
Figure 7. Normalized V(BR)DSS vs. temperature
VGS(th)
0.8
-75
-25
25
Tj(°C)
(norm)
0.6
75
0.7
0.9
1.0
125
1.1
ID = 250 µA
GIPD180920141442FSR
V(BR)DSS
0.96
-75
-25
75
Tj(°C)
25
(norm)
0.88
125
0.92
1.00
1.04
1.08
ID= 1mA
GIPD180920141448FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com