Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDM120-3PDF01B Datasheet(PDF) 4 Page - SICK AG

Part # IDM120-3PDF01B
Description  HAND-HELD SCANNERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IDM120-3PDF01B Datasheet(HTML) 4 Page - SICK AG

  IDM120-3PDF01B Datasheet HTML 1Page - SICK AG IDM120-3PDF01B Datasheet HTML 2Page - SICK AG IDM120-3PDF01B Datasheet HTML 3Page - SICK AG IDM120-3PDF01B Datasheet HTML 4Page - SICK AG IDM120-3PDF01B Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IDM120-3PDF01B | IDM12x
HAND-HELD SCANNERS
Reading field diagram
IDM120-3 Standard Range
0
100
(3.94)
300
(11.81)
400
(15.75)
200
(7.87)
0.33 (13.0 mil)
0.5 (19.7 mil)
Reading distance in mm (inch)
Code resolution in mm (mil)
Recommended accessories
Other models and accessories
www.sick.com/IDM12x
Brief description
Type
Part no.
Other mounting accessories
Tripod mount
Stand mount
6036724
Desk holder
Table mount
6036723
Power supply units and power supply cables
Power supply, input AC 100 ... 240 V, output DC 5 V/2 A (necessary when using RS-232
TTL cable, does not fulfill medical standard EN 60601/ IEC 60601))
Power supply unit
6036722
Plug connectors and cables
Head A: male connector, USB-A
Head B: male connector, RJ45
Cable: USB, unshielded, 1.8 m
For keyboard wedge or USB Com Port Emulation
Connection cable
6036728
4
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-03 11:25:10
Subject to change without notice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com