Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STFW42N60M2-EP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STFW42N60M2-EP
Description  N-channel 600 V, 0.076 ??typ., 34 A MDmesh™M2 EP Power MOSFETs in TO-220FP and TO-3PF packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW42N60M2-EP Datasheet(HTML) 4 Page - STMicroelectronics

  STFW42N60M2-EP Datasheet HTML 1Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 2Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 3Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 4Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 5Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 6Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 7Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 8Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STF42N60M2-EP, STFW42N60M2-EP
4/16
DocID027376 Rev 1
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 5. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
VGS =0 V, ID =1 mA
600
V
IDSS
Zero gate voltage
drain current
VGS =0 V, VDS =600 V
1
µA
VGS =0 V, VDS =600 V,
TC =125 °C
100
µA
IGSS
Gate-body leakage
current
VDS =0 V, VGS = ± 25 V
±10
µA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 17 A
0.076
0.087
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0, VDS = 100 V,
f = 1 MHz
-
2370
-
pF
Coss
Output capacitance
-
112
-
pF
Crss
Reverse transfer
capacitance
-2.5
-
pF
Coss eq.
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS = 0, VDS = 0 to 480 V
-
454
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz, ID = 0
-
4.5
-
Ω
Qg
Total gate charge
VDD = 480 V, ID = 34 A,
VGS = 10 V
(see Figure 18)
-55
-
nC
Qgs
Gate-source charge
-
8.5
-
nC
Qgd
Gate-drain charge
-
25
-
nC
Table 7. Switching Energy
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
R(off)
Turn-off energy
(from 90% VGS to 0% ID)
VDD =400 V, ID = 2.5 A,
RG =4.7 Ω, VGS =10V
-13
-
µJ
VDD =400 V, ID = 5 A,
RG =4.7 Ω, VGS =10V
-14.5
-
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com