Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF100N6F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF100N6F7
Description  N-channel 60 V, 4.6 m??typ., 46 A STripFET™F7 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF100N6F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STF100N6F7 Datasheet HTML 1Page - STMicroelectronics STF100N6F7 Datasheet HTML 2Page - STMicroelectronics STF100N6F7 Datasheet HTML 3Page - STMicroelectronics STF100N6F7 Datasheet HTML 4Page - STMicroelectronics STF100N6F7 Datasheet HTML 5Page - STMicroelectronics STF100N6F7 Datasheet HTML 6Page - STMicroelectronics STF100N6F7 Datasheet HTML 7Page - STMicroelectronics STF100N6F7 Datasheet HTML 8Page - STMicroelectronics STF100N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
February 2015
DocID027211 Rev 3
1/13
STF100N6F7
N-channel 60 V, 4.6 m
Ω typ., 46 A STripFET™ F7
Power MOSFET in a TO-220FP package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Among the lowest RDS(on) on the market
• Excellent figure of merit (FoM)
• Low Crss/Ciss ratio for EMI immunity
• High avalanche ruggedness
Applications
• Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
Order code
VDS
RDS(on) max.
ID
PTOT
STF100N6F7
60 V
5.6 m
Ω
46 A
25 W
Table 1. Device summary
Order code
Marking
Package
Packaging
STF100N6F7
100N6F7
TO-220FP
Tube
www.st.com


Similar Part No. - STF100N6F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF100N6F7 ISC-STF100N6F7 Datasheet
311Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF100N6F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF140N6F7 STMICROELECTRONICS-STF140N6F7 Datasheet
679Kb / 13P
N-channel 60 V, 0.0031 (ohm) typ., 70 A STripFET F7 Power MOSFET in a TO-220FP package
14-Jan-2016
STD140N6F7 STMICROELECTRONICS-STD140N6F7 Datasheet
678Kb / 13P
N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
01-Apr-2016
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
N-channel 60 V, 2.4 mΩ typ., 140 A STripFET™F7 Power MOSFET in a PowerFLAT™5x6 package
21-Apr-2017
STB100N6F7 STMICROELECTRONICS-STB100N6F7 Datasheet
555Kb / 15P
N-channel 60 V, 4.7 mΩ typ.,100 A STripFET™ F7 Power MOSFET in a D²PAK package
14-Jan-2015
STF150N10F7 STMICROELECTRONICS-STF150N10F7 Datasheet
782Kb / 13P
N-channel 100 V, 0.0036 Ω typ., 65 A, STripFET™ F7 Power MOSFET in a TO-220FP package
August 2014 Rev 2
STL225N6F7AG STMICROELECTRONICS-STL225N6F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 60 V, 1.2 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
17-Mar-2017
STF260N4F7 STMICROELECTRONICS-STF260N4F7 Datasheet
470Kb / 11P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
13-Oct-2015
STFU260N4F7 STMICROELECTRONICS-STFU260N4F7 Datasheet
466Kb / 10P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP ultra narrow leads package
11-Nov-2015
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL90N6F7 STMICROELECTRONICS-STL90N6F7_V01 Datasheet
505Kb / 14P
N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
24-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com