Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LET9045F Datasheet(PDF) 1 Page - STMicroelectronics

Part # LET9045F
Description  RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9045F Datasheet(HTML) 1 Page - STMicroelectronics

  LET9045F Datasheet HTML 1Page - STMicroelectronics LET9045F Datasheet HTML 2Page - STMicroelectronics LET9045F Datasheet HTML 3Page - STMicroelectronics LET9045F Datasheet HTML 4Page - STMicroelectronics LET9045F Datasheet HTML 5Page - STMicroelectronics LET9045F Datasheet HTML 6Page - STMicroelectronics LET9045F Datasheet HTML 7Page - STMicroelectronics LET9045F Datasheet HTML 8Page - STMicroelectronics LET9045F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 2011
Doc ID 16592 Rev 3
1/10
10
LET9045F
RF power transistor from the LdmoST family
of n-channel enhancement-mode lateral MOSFETs
Features
■ Excellent thermal stability
■ Common source configuration
■ POUT (@28 V) = 45 W with 18.5 dB gain @ 960
MHz
■ POUT (@36V) = 70 W with 18.5 dB gain @ 960
MHz
■ BeO free package
■ In compliance with the 2002/95/EC European
directive
Description
The LET9045F is a common source n-channel
enhancement-mode lateral field-effect RF power
transistor designed for broadband commercial
and industrial applications at frequencies up to
1.0 GHz. The LET9045F is designed for high gain
and broadband performance operating in
common source mode at 28 V. It is ideal for base
station applications requiring high linearity.
Figure 1.
Pin out
M250
epoxy sealed
1
3
2
1. Drain
2. Gate
3. Source
Table 1.
Device summary
Order code
Package
Branding
LET9045F
M250
LET9045F
www.st.com


Similar Part No. - LET9045F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9045 STMICROELECTRONICS-LET9045 Datasheet
217Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
April 2009 Rev 1
LET9045C STMICROELECTRONICS-LET9045C Datasheet
206Kb / 10P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
15-Apr-2011
LET9045S STMICROELECTRONICS-LET9045S Datasheet
292Kb / 9P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
27-Feb-2003
LET9045S STMICROELECTRONICS-LET9045S Datasheet
217Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
April 2009 Rev 1
LET9045STR STMICROELECTRONICS-LET9045STR Datasheet
217Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
April 2009 Rev 1
More results

Similar Description - LET9045F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-May-2007
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
25-May-2010
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-Jan-2007
LET9045C STMICROELECTRONICS-LET9045C Datasheet
206Kb / 10P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
15-Apr-2011
LET9150 STMICROELECTRONICS-LET9150 Datasheet
325Kb / 12P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
22-Dec-2010
LET9120 STMICROELECTRONICS-LET9120 Datasheet
208Kb / 11P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
22-Oct-2010
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
LET9060F STMICROELECTRONICS-LET9060F Datasheet
164Kb / 9P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
April 2011 Rev 3
STAP1011-180 STMICROELECTRONICS-STAP1011-180 Datasheet
121Kb / 9P
RF power transistor the LdmoST family,N-channel enhancement-mode lateral MOSFETs
07-May-2009
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
02-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com