Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAC2932B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAC2932B
Description  Excellent thermal stability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2932B Datasheet(HTML) 1 Page - STMicroelectronics

  STAC2932B Datasheet HTML 1Page - STMicroelectronics STAC2932B Datasheet HTML 2Page - STMicroelectronics STAC2932B Datasheet HTML 3Page - STMicroelectronics STAC2932B Datasheet HTML 4Page - STMicroelectronics STAC2932B Datasheet HTML 5Page - STMicroelectronics STAC2932B Datasheet HTML 6Page - STMicroelectronics STAC2932B Datasheet HTML 7Page - STMicroelectronics STAC2932B Datasheet HTML 8Page - STMicroelectronics STAC2932B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
January 2014
DocID15497 Rev 6
1/14
STAC2932B
HF/VHF/UHF RF power N-channel MOSFETs
Datasheet - production data
Figure 1. Pin connection
Features
• Gold metallization
• Excellent thermal stability
• Common source push-pull configuration
• P
OUT
= 300 W min. with 20 dB gain @ 175 MHz
• In compliance with the 2002/95/EC European
directive
• ST air cavity packaging technology - STAC™
package
Description
The STAC2932B is a gold metallized N-channel
MOS field-effect RF power transistor, intended for
use in 50 V DC large signal applications up to 250
MHz.
The STAC2932B benefits from the latest
generation of efficient, patent-pending package
technology, otherwise known as STAC
™
.
STAC244B
Air cavity
1
1
3
3
2
1. Drain
3. Gate
2. Source (bottom side)
Table 1. Device summary
Order code
Marking
Base qty.
Package
Packaging
STAC2932BW
STAC2932
(1)
20
STAC244B
Tray
1.
For more details please refer to
Chapter 7: Marking, packing and shipping specifications.
www.st.com


Similar Part No. - STAC2932B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
HF/VHF/UHF RF power N-channel MOSFETs
12-Jan-2012
More results

Similar Description - STAC2932B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
Excellent thermal stability
29-May-2013
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
Excellent thermal stability
24-Jan-2013
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
Excellent thermal stability
April 2014 Rev 3
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
Excellent thermal stability
23-May-2012
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
Excellent thermal stability
25-Oct-2011
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
Excellent thermal stability
16-Jan-2012
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
Excellent thermal stability
17-Jan-2012
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
Excellent thermal stability
27-Jan-2014
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
Excellent thermal stability
02-Sep-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com