Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAC2942F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STAC2942F
Description  Excellent thermal stability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2942F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STAC2942F Datasheet HTML 6Page - STMicroelectronics STAC2942F Datasheet HTML 7Page - STMicroelectronics STAC2942F Datasheet HTML 8Page - STMicroelectronics STAC2942F Datasheet HTML 9Page - STMicroelectronics STAC2942F Datasheet HTML 10Page - STMicroelectronics STAC2942F Datasheet HTML 11Page - STMicroelectronics STAC2942F Datasheet HTML 12Page - STMicroelectronics STAC2942F Datasheet HTML 13Page - STMicroelectronics STAC2942F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Test circuit
STAC2942F
10/16
Doc ID 17122 Rev 3
5
Test circuit
Figure 13.
175 MHz test circuit schematic (production test circuit)
Table 7.
175 MHz test circuit component part list
Component
Description
C1, C2, C14,
C15, C24, C25
1200 pF ATC 700B chip capacitor
C5
75 pF ATC 100B chip capacitor
C6
ST406 variable capacitor
C9, C10
47 pF ATC 100B chip capacitor
C11, C12, C13
43 pF ATC 100B chip capacitor
C16, C18
470 pF ATC 100B chip capacitor
C17, C19, C20, C21
10,000 pF ATC 200B chip capacitor
C22, C23
0.1
µF 200 V chip capacitor
C28
10
µF 100 V electrolytic capacitor
C29
0.8 - 8 pF variable capacitor
R1, R2, R5, R6
430
Ω, 1/2 W chip resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com