Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAC3933 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STAC3933
Description  Excellent thermal stability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC3933 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STAC3933 Datasheet HTML 4Page - STMicroelectronics STAC3933 Datasheet HTML 5Page - STMicroelectronics STAC3933 Datasheet HTML 6Page - STMicroelectronics STAC3933 Datasheet HTML 7Page - STMicroelectronics STAC3933 Datasheet HTML 8Page - STMicroelectronics STAC3933 Datasheet HTML 9Page - STMicroelectronics STAC3933 Datasheet HTML 10Page - STMicroelectronics STAC3933 Datasheet HTML 11Page - STMicroelectronics STAC3933 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Impedance data
STAC3933
8/14
Doc ID 022696 Rev 1
3
Impedance data
Figure 2.
Impedance data
Table 7.
Impedance data (350 W load line)
Frequency
ZIN (Ω)ZDL (Ω)
10 MHz
6.56 - j9.75
12.17 + j2.76
20 MHz
2.80 - j5.78
10.6 + j4.81
30 MHz
1.96 - j3.90
8.73 + j5.94
40 MHz
1.69 - j2.89
7.00 + j6.35
50 MHz
1.59 - j2.30
5.58 + j6.32
60 MHz
1.55 - j1.93
4.47 + j6.06
70 MHz
1.55 - j1.71
3.62 + j5.72
80 MHz
1.54 - j1.58
2.97 + j5.35
90 MHz
1.53 - j1.50
2.46 + j4.99
100 MHz
1.52 - j1.45
2.07 + j4.65
Typical Drain
Load Impedance
Typical Input
Impedance
G
Zin
ZDL
D
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com