Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP100NF04 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP100NF04
Description  AEC-Q101 qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP100NF04 Datasheet(HTML) 3 Page - STMicroelectronics

  STP100NF04 Datasheet HTML 1Page - STMicroelectronics STP100NF04 Datasheet HTML 2Page - STMicroelectronics STP100NF04 Datasheet HTML 3Page - STMicroelectronics STP100NF04 Datasheet HTML 4Page - STMicroelectronics STP100NF04 Datasheet HTML 5Page - STMicroelectronics STP100NF04 Datasheet HTML 6Page - STMicroelectronics STP100NF04 Datasheet HTML 7Page - STMicroelectronics STP100NF04 Datasheet HTML 8Page - STMicroelectronics STP100NF04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
STB100NF04T4, STP100NF04
Electrical ratings
DocID9969 Rev 7
3/20
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate- source voltage
±20
V
ID (1)
Drain current (continuous) at TC = 25°C
120
A
ID (1)
Drain current (continuous) at TC=100°C
120
A
IDM (2)
Drain current (pulsed)
480
A
PTOT
Total dissipation at TC = 25°C
300
W
dv/dt(3)
Peak diode recovery voltage slope
6
V/ns
EAS (4)
Single pulse avalanche energy
1.2
J
Tj
Operating junction temperature range
- 55 to 175
°C
Tstg
Storage temperature range
Notes:
(1)Current limited by package
(2)Pulse width limited by safe operating area.
(3)ISD ≤120 A, di/dt ≤300A/μs, VDD =V(BR)DSS, Tj ≤ TJMAX
(4)Starting Tj = 25 °C, ID = 60 A, VDD = 30 V.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
D²PAK
TO-220
Rthj-case
Thermal resistance junction-case
0.5
°C/W
Rthj-pcb(1)
Thermal resistance junction-pcb
35
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
°C/W
Notes:
(1)When mounted on a 1-inch² FR-4 board, 2oz Cu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com