Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPS15C60 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGIPS15C60
Description  3-phase inverters for motor drives
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS15C60 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGIPS15C60 Datasheet HTML 3Page - STMicroelectronics STGIPS15C60 Datasheet HTML 4Page - STMicroelectronics STGIPS15C60 Datasheet HTML 5Page - STMicroelectronics STGIPS15C60 Datasheet HTML 6Page - STMicroelectronics STGIPS15C60 Datasheet HTML 7Page - STMicroelectronics STGIPS15C60 Datasheet HTML 8Page - STMicroelectronics STGIPS15C60 Datasheet HTML 9Page - STMicroelectronics STGIPS15C60 Datasheet HTML 10Page - STMicroelectronics STGIPS15C60 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID025060 Rev 3
7/20
STGIPS15C60
Electrical characteristics
20
3
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Note:
tON and tOFF include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are
the switching time of IGBT itself under the internally given gate driving condition.
Table 7. Inverter part
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VCE(sat)
Collector-emitter
saturation voltage
VCC = Vboot = 15 V, VIN
(1)= 0 - 5 V,
IC = 15 A
-1.6
2
V
VCC = Vboot = 15 V, VIN
(1)= 0 - 5 V,
IC = 15 A, TJ = 125 °C
-1.7
ICES
Collector-cut off current
(VIN
(1)= 0 “logic state”)
VCE = 550 V, VCC = VBoot = 15 V
-
100
µA
VF
Diode forward voltage
VIN
(1) = 0 “logic state”, I
C = 15 A
-
2.3
V
Inductive load switching time and energy
ton
Turn-on time
VPN = 300 V,
VCC = Vboot = 15 V,
VIN
(1) = 0 - 5 V,
IC = 15 A
(see Figure 3)
-330
-
ns
tc(on)
Crossover time (on)
-
150
-
toff
Turn-off time
-
925
-
tc(off)
Crossover time (off)
-
135
-
trr
Reverse recovery time
-
190
-
Eon
Turn-on switching losses
-
385
-
µJ
Eoff
Turn-off switching losses
-
294
-
1.
Applied between HINi, LINi and GND for i = U, V, W. (LIN inputs are active-low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com