Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STIPN2M50-H Datasheet(PDF) 7 Page - STMicroelectronics

Part # STIPN2M50-H
Description  Undervoltage lockout
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN2M50-H Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STIPN2M50-H Datasheet HTML 3Page - STMicroelectronics STIPN2M50-H Datasheet HTML 4Page - STMicroelectronics STIPN2M50-H Datasheet HTML 5Page - STMicroelectronics STIPN2M50-H Datasheet HTML 6Page - STMicroelectronics STIPN2M50-H Datasheet HTML 7Page - STMicroelectronics STIPN2M50-H Datasheet HTML 8Page - STMicroelectronics STIPN2M50-H Datasheet HTML 9Page - STMicroelectronics STIPN2M50-H Datasheet HTML 10Page - STMicroelectronics STIPN2M50-H Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STIPN2M50-H
Electrical characteristics
DocID030065 Rev 4
7/21
3
Electrical characteristics
TJ = 25 °C unless otherwise specified.
3.1
Inverter part
Table 7: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDSS
Zero-gate voltage drain
current
VDS = 500 V, VCC = 15 V,
VBoot = 15 V
1
mA
V(BR)DSS
Drain-source breakdown
voltage
VCC= Vboot = 15 V, VIN(1) = 0 V,
ID = 1 mA
500
V
RDS(on)
Static drain source turn-on
resistance
VCC = Vboot = 15 V,
VIN(1)= 0 - 5 V, ID = 1.2 A
1.5
1.7
Ω
VSD
Drain-source diode forward
voltage
VIN(1)
= 0 “logic state”, ID = 2 A
0.9
1.6
V
Notes:
(1)Applied among HINx, LINx and GND for x = U, V, W.
Table 8: Inductive load switching time and energy
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ton(1)
Turn-on time
VDD = 300 V,
VCC = Vboot = 15 V,
VIN(2) = 0 - 5 V,
IC = 1.2 A
(see Figure 4: "Switching time
definition")
-
267
-
ns
tc(on)(1)
Crossover time (on)
-
153
-
toff(1)
Turn-off time
-
265
-
tc(off)(1)
Crossover time (off)
-
46
-
trr
Reverse recovery time
-
192
-
Eon
Turn-on switching energy
-
61
-
µJ
Eoff
Turn-off switching energy
-
4
-
Notes:
(1)tON and tOFF include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are the switching time of
MOSFET itself under the internally given gate driving conditions.
(2)Applied among HINx, LINx and GND for x = U, V, W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com