Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6221 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6221
Description  Quad Darlington switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221 Datasheet(HTML) 1 Page - STMicroelectronics

  L6221 Datasheet HTML 1Page - STMicroelectronics L6221 Datasheet HTML 2Page - STMicroelectronics L6221 Datasheet HTML 3Page - STMicroelectronics L6221 Datasheet HTML 4Page - STMicroelectronics L6221 Datasheet HTML 5Page - STMicroelectronics L6221 Datasheet HTML 6Page - STMicroelectronics L6221 Datasheet HTML 7Page - STMicroelectronics L6221 Datasheet HTML 8Page - STMicroelectronics L6221 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
March 2009
Rev 4
1/22
22
L6221
Quad Darlington switch
Features
Four non-inverting inputs with enable
Output voltage up to 50 V
Output current up to 1.8 A
Very low saturation voltage
TTL compatible inputs
Integral fast recirculation diodes
Applications
The L6221 monolithic quad Darlington switch is
designed for high current, high voltage switching
applications.
Description
Each of the four switches is controlled by a logic
input and all four are controlled by a common
enable input. All inputs are TTL-compatible for
direct connection to logic circuits.
Each switch consists of an open-collector
Darlington transistor plus a fast diode for
switching applications with inductive device loads.
The emitters of the four switches are commoned.
Any number of inputs and outputs of the same
device may be paralleled.
Figure 1.
Block diagram
Table 1.
Device summary
Order code
Package
E-L6221AS
Power DIP
E-L6221AD
SO16+2+2
E-L6221AD013TR
SO16+2+2 (tape and reel)
E-L6221C/CD/CN
Obsolete product
Power DIP 12+2+2
SO16+2+2
www.st.com


Similar Part No. - L6221

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
L62215CT-ND SKYWORKS-L62215CT-ND Datasheet
1Mb / 18P
Li-Ion/Polymer Linear Battery Charger
logo
STMicroelectronics
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
L6221AD STMICROELECTRONICS-L6221AD Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
L6221AD STMICROELECTRONICS-L6221AD Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jun-2003
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jun-2003
More results

Similar Description - L6221

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
QUAD 1.5 A DARLINGTON SWITCH
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
L6221C STMICROELECTRONICS-L6221C Datasheet
181Kb / 15P
QUAD DARLINGTON SWITCH
May-1997
L702 STMICROELECTRONICS-L702 Datasheet
130Kb / 7P
2A QUAD DARLINGTON SWITCH
Oct-1991
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Apr-1993
logo
Allegro MicroSystems
2540 ALLEGRO-2540 Datasheet
143Kb / 8P
QUAD DARLINGTON POWER DRIVER
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
QUAD DARLINGTON POWER DRIVER
logo
STMicroelectronics
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jun-2003
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jul-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com