Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9301 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 1 Page - STMicroelectronics

  L9301 Datasheet HTML 1Page - STMicroelectronics L9301 Datasheet HTML 2Page - STMicroelectronics L9301 Datasheet HTML 3Page - STMicroelectronics L9301 Datasheet HTML 4Page - STMicroelectronics L9301 Datasheet HTML 5Page - STMicroelectronics L9301 Datasheet HTML 6Page - STMicroelectronics L9301 Datasheet HTML 7Page - STMicroelectronics L9301 Datasheet HTML 8Page - STMicroelectronics L9301 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
This is information on a product in full production.
April 2016
DocID028688 Rev 6
1/51
L9301
Automotive octal low side driver or quad low side plus quad high
side driver
Datasheet
- production data
Features
 AEC-Q100 qualified
 Eight integrated PowerMOS configurable as:
– 8 low side ON-OFF with RON(max) = 0.3 Ω
@ Tj = 175 °C
– High/low side PWM with RON(max) = 0.6 Ω
@ Tj = 175 °C and 4 Low side with
RON(max) = 0.3 Ω @ Tj = 175 °C
 Operating battery supply voltage 5 V to 18 V
 Operating Vdd supply voltage 4.75 V to 5.25 V
 Logic inputs TTL/CMOS-compatible
 Output voltage clamping 37 V typ. in low-side
configuration
 SPI interface for outputs control and for
diagnosis data communication
 Additional PWM inputs for 8 outputs
 Over temperature protection
 Open load, short to GND, short to VB
 Overcurrent diagnostics in latched or unlatched
mode for each channel
 Controlled SR for improved EMC behavior
Description
The L9301 is a SPI (Serial Peripheral Interface)
controlled octal channel with 4 high/low and 4 low
side drivers with the possibility to use four
integrated PowerMOS as recirculation diodes for
PWM load driving.
L9301 contains 12 PowerMOS: 4 configurable
High/Low side drivers with Ronmax = 0.6 Ω
(DRN1-4, SRC1-4), 4 low side drivers with
Ronmax = 0.6 Ω (OUT1-4) and 4 low side drivers
with Ronmax = 0.3 Ω (OUT5-8).
The power DRN/SRC1-4 and OUT1-4 can be
connected in parallel outside the device in order
to get 4 low-side drivers with Ronmax = 0.3 Ω:
DRN1//DRN2, DRN3//DRN4, OUT1//OUT2,
OUT3//OUT4.
In this way there is a total of 8 LS channels for
ON-OFF mode with Ronmax = 0.3 Ω.
There is also the possibility to connect the OUT1-
4 and OUT5-8 in order to drive in PWM mode a
load connected to VB or GND without the
necessity of a freewheeling diode. In this case the
Ronmax = 0.6 Ω.
The above configuration can be driven by parallel
input or SPI command.
Through the SPI it is possible to configure the
device parameters like configuration, Slew-rate,
Overcurrent threshold, to send the drivers
commands and to read back the diagnosis
results.
.
PowerSSO36
Table 1. Device summary
Order code
Package
Packing
L9301-TR
PowerSSO36
Tape & Reel
www.st.com


Similar Part No. - L9301

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
1Mb / 54P
Automotive octal low side driver or quad low side plus quad high side driver
25-Aug-2025
L9301-TR STMICROELECTRONICS-L9301-TR Datasheet
1Mb / 54P
Automotive octal low side driver or quad low side plus quad high side driver
25-Aug-2025
L9301 STMICROELECTRONICS-L9301_V01 Datasheet
1Mb / 54P
Automotive octal low side driver or quad low side plus quad high side driver
25-Aug-2025
More results

Similar Description - L9301

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
QUAD LOW SIDE DRIVER
Jan-2000
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
QUAD LOW SIDE DRIVER
Dec-1999
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2002
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
QUAD LOW SIDE DRIVER
May-2002
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
logo
Motorola, Inc
MC33385 MOTOROLA-MC33385 Datasheet
369Kb / 11P
Automotive Quad Low Side Driver
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
Quad low side driver
24-Jun-2008
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
Quad low side driver
20-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com