Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGD3HF60HDT4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGD3HF60HDT4
Description  4.5 A, 600 V very fast IGBT with Ultrafast diode
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3HF60HDT4 Datasheet(HTML) 3 Page - STMicroelectronics

  STGD3HF60HDT4 Datasheet HTML 1Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 2Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 3Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 4Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 5Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 6Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 7Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 8Page - STMicroelectronics STGD3HF60HDT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
STGB3HF60HD, STGD3HF60HDT4,
STGF3HF60HD, STGP3HF60HD
Electrical ratings
DocID17690 Rev 5
3/26
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK
D2PAK
TO-220
TO-220FP
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC(1)
Continuous collector current at TC = 25 °C
7.5
A
IC(1)
Continuous collector current at TC = 100 °C
4.5
A
ICL(2)
Turn-off latching current
18
A
ICP(3)
Pulsed collector current
18
A
VGE
Gate-emitter voltage
± 20
V
IF
Diode RMS forward current at TC = 25 °C
10
A
IFSM
Surge non repetitive forward current tp = 10 ms
sinusoidal
25
A
PTOT
Total dissipation at TC = 25 °C
38
18
W
TSTG
Storage temperature range
- 55 to 150
°C
Tj
Operating junction temperature range
Notes:
(1)Calculated according to the iterative formula:
��������(��������) =
��������(������������)−��������
��������ℎ����−����×������������(������������)(������������)(��������(������������),��������(��������))
(2)Vclamp = 80 %, (VCES), Tj = 150 °C, RG = 10 Ω, VGE = 15 V.
(3)Pulse width limited by maximum junction temperature range.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
DPAK
D2PAK
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case IGBT
3.3
6.9
°C/W
Thermal resistance junction-case diode
5
8
°C/W
Rthj-amb
Thermal resistance junction-ambient
100
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com