Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGFW40V60F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGFW40V60F
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW40V60F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGFW40V60F Datasheet HTML 3Page - STMicroelectronics STGFW40V60F Datasheet HTML 4Page - STMicroelectronics STGFW40V60F Datasheet HTML 5Page - STMicroelectronics STGFW40V60F Datasheet HTML 6Page - STMicroelectronics STGFW40V60F Datasheet HTML 7Page - STMicroelectronics STGFW40V60F Datasheet HTML 8Page - STMicroelectronics STGFW40V60F Datasheet HTML 9Page - STMicroelectronics STGFW40V60F Datasheet HTML 10Page - STMicroelectronics STGFW40V60F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID024700 Rev 2
7/24
STGB40V60F, STGFW40V60F, STGP40V60F, STGW40V60F
Electrical characteristics
Figure 8. VCE(sat) vs. junction temperature
Figure 9. VCE(sat) vs. collector current
Figure 10. Collector current vs. switching
frequency for D2PAK, TO-247 and TO-3P
Figure 11. Collector current vs. switching
frequency for TO-3PF
Figure 12. Forward bias safe operating area for
D2PAK, TO-247 and TO-3P
Figure 13. Forward bias safe operating area for
TO-3PF
VCE(sat)
2.0
1.8
1.4
1.2
-50
0
100
(V)
50
150
2.2
2.4
TJ(°C)
1.6
2.6
2.8
VGE=15V
IC=80A
IC=40A
IC=20A
AM17389v1
2.0
1.8
1.4
1.2
10
20
40
30
50
2.2
2.4
IC(A)
1.6
2.6
2.8
VGE=15V
Tj=175°C
Tj=25°C
Tj=-40°C
70
60
80
VCE(sat)
(V)
3.0
AM17390v1
IC
40
30
10
0
1
(A)
10
50
60
f(kHz)
20
70
80
TC=80°C
TC=100°C
rectangular current shape,
(duty cycle=0.5, Vcc= 400V Rg=10Ω,
Vge=0/15V, Tj=175 °C)
90
AM17391v1
IC
20
15
5
0
1
(A)
10
25
30
f(kHz)
10
35
40
TC=80°C
TC=100°C
rectangular current shape,
(duty cycle=0.5, Vcc= 400V Rg=10Ω,
Vge=0/15V, Tj=175 °C)
45
AM17391v3
IC
100
10
0.1
0.01
1
(A)
10
VCE(V)
1
10μs
100μs
1ms
100
Single pulse, Tc=25°C
Tj<175°C, VGE=15V
AM17392v1
IC
100
10
0.1
1
(A)
10
VCE(V)
1
10μs
100μs
1ms
100
Single pulse, Tc=25°C
Tj<175°C, VGE=15V
AM17392v6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com