Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGFW20V60DF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGFW20V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW20V60DF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGFW20V60DF Datasheet HTML 2Page - STMicroelectronics STGFW20V60DF Datasheet HTML 3Page - STMicroelectronics STGFW20V60DF Datasheet HTML 4Page - STMicroelectronics STGFW20V60DF Datasheet HTML 5Page - STMicroelectronics STGFW20V60DF Datasheet HTML 6Page - STMicroelectronics STGFW20V60DF Datasheet HTML 7Page - STMicroelectronics STGFW20V60DF Datasheet HTML 8Page - STMicroelectronics STGFW20V60DF Datasheet HTML 9Page - STMicroelectronics STGFW20V60DF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STGFW20V60DF
6/15
DocID026148 Rev 2
2.1
Electrical characteristics curves
Figure 2: Power dissipation vs. case temperature
Figure 3: Collector current vs. case temperature
Figure 4: Output characteristics (TJ = 25 °C)
Figure 5: Output characteristics (TJ = 175 °C)
Figure 6: VCE(sat) vs. junction temperature
Figure 7: VCE(sat) vs. collector current
20
30
40
50
50
75
100 125 150 175
Ptot(W)
TC (°C)
0
25
0
10
AM17175v2
AM17174v2
0
5
10
15
20
0
25
50
75
100 125 150 175
IC (A)
TC(°C)
VGE =15 V, T J= 175 °C
AM17171v1
9 V
11 V
13 V
15 V
0
10
20
30
40
50
60
70
0
1
2
3
4
Ic (A)
VCE (V)
VGE=7 V
AM17172v1
9 V
11 V
13 V
15 V
0
10
20
30
40
50
60
70
0
1
2
3
4
Ic (A)
VCE (V)
VGE=7 V
AM17176v1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-50 -25 0
25 50 75 100 125 150 175
VCE(sat)
(V)
TJ(ºC)
I
C 40A
I
C = 20A
I
C = 10A
V
GE = 15V
AM17177v1
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
10
20
30
40
50
60
70
80
VCE(sat)
(V)
IC (A)
TJ= 25°C
TJ=-40°C
TJ= 175°C
VGE=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com