Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGW40M120DF3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STGW40M120DF3
Description  Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40M120DF3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STGW40M120DF3 Datasheet HTML 10Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 11Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 12Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 13Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 14Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 15Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 16Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 17Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DocID026224 Rev 3
15/18
STGW40M120DF3, STGWA40M120DF3
Package mechanical data
4.2
TO-247 long leads, STGWA40M120DF3
Figure 34. TO-247 long leads drawing
8463846_A_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com