Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGW60H65DFB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGW60H65DFB
Description  Low thermal resistance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DFB Datasheet(HTML) 1 Page - STMicroelectronics

  STGW60H65DFB Datasheet HTML 1Page - STMicroelectronics STGW60H65DFB Datasheet HTML 2Page - STMicroelectronics STGW60H65DFB Datasheet HTML 3Page - STMicroelectronics STGW60H65DFB Datasheet HTML 4Page - STMicroelectronics STGW60H65DFB Datasheet HTML 5Page - STMicroelectronics STGW60H65DFB Datasheet HTML 6Page - STMicroelectronics STGW60H65DFB Datasheet HTML 7Page - STMicroelectronics STGW60H65DFB Datasheet HTML 8Page - STMicroelectronics STGW60H65DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
April 2015
DocID024365 Rev 7
1/19
19
STGW60H65DFB, STGWA60H65DFB
STGWT60H65DFB
Trench gate field-stop IGBT, HB series
650 V, 60 A high speed
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Maximum junction temperature: TJ = 175 °C
• High speed switching series
• Minimized tail current
• VCE(sat) = 1.6 V (typ.) @ IC = 60 A
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Very fast soft recovery antiparallel diode
Applications
• Photovoltaic inverters
• High frequency converters
Description
These are IGBT devices developed using an
advanced proprietary trench gate and field-stop
structure. The devices are part of the new HB
series of IGBTs, which represent an optimum
compromise between conduction and switching
losses to maximize the efficiency of any
frequency converter. Furthermore, a slightly
positive VCE(sat) temperature coefficient and very
tight parameter distribution result in safer
paralleling operation.
G (1)
E (3)
C (2, TAB)
TO-247
1
2
3
TO-3P
1
2
3
TAB
TO-247 long leads
Table 1. Device summary
Order code
Marking
Package
Packing
STGW60H65DFB
GW60H65DFB
TO-247
Tube
STGWA60H65DFB
G60H65DFB
TO-247 long leads
Tube
STGWT60H65DFB
GWT60H65DFB
TO-3P
Tube
www.st.com


Similar Part No. - STGW60H65DFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
20-Jun-2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
More results

Similar Description - STGW60H65DFB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com