Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGW60V60F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGW60V60F
Description  Low thermal resistance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60V60F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGW60V60F Datasheet HTML 6Page - STMicroelectronics STGW60V60F Datasheet HTML 7Page - STMicroelectronics STGW60V60F Datasheet HTML 8Page - STMicroelectronics STGW60V60F Datasheet HTML 9Page - STMicroelectronics STGW60V60F Datasheet HTML 10Page - STMicroelectronics STGW60V60F Datasheet HTML 11Page - STMicroelectronics STGW60V60F Datasheet HTML 12Page - STMicroelectronics STGW60V60F Datasheet HTML 13Page - STMicroelectronics STGW60V60F Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Test circuits
STGW60V60F
10/14
DocID024701 Rev 2
3
Test circuits
Figure 22. Test circuit for inductive load
switching
Figure 23. Gate charge test circuit
Figure 24. Switching waveform
AM01504v1
AM01505v1
AM01506v1
90%
10%
90%
10%
VG
VCE
IC
Td(on)
Ton
Tr(Ion)
Td(off)
Toff
Tf
Tr(Voff)
Tcross
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com