Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87364 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  PC87364 Datasheet HTML 1Page - National Semiconductor (TI) PC87364 Datasheet HTML 2Page - National Semiconductor (TI) PC87364 Datasheet HTML 3Page - National Semiconductor (TI) PC87364 Datasheet HTML 4Page - National Semiconductor (TI) PC87364 Datasheet HTML 5Page - National Semiconductor (TI) PC87364 Datasheet HTML 6Page - National Semiconductor (TI) PC87364 Datasheet HTML 7Page - National Semiconductor (TI) PC87364 Datasheet HTML 8Page - National Semiconductor (TI) PC87364 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 180 page
background image
5
www.national.com
Table of Contents
Datasheet Revision Record .................................................................................................................... 4
1.0
Signal/Pin Connection and Description
1.1
CONNECTION DIAGRAM ......................................................................................................... 12
1.2
BUFFER TYPES AND SIGNAL/PIN DIRECTORY .................................................................... 13
1.3
PIN MULTIPLEXING ................................................................................................................. 18
1.4
DETAILED SIGNAL/PIN DESCRIPTIONS ................................................................................ 20
1.4.1
ACCESS.bus Interface (ACB) .................................................................................... 20
1.4.2
Bus Interface ............................................................................................................... 20
1.4.3
Clock ............................................................................................................................ 20
1.4.4
Fan Speed Control and Monitor (FSCM) ..................................................................... 20
1.4.5
Floppy Disk Controller (FDC) ...................................................................................... 21
1.4.6
Game Port ..................................................................................................................22
1.4.7
General-Purpose Input/Output (GPIO) Ports ............................................................... 22
1.4.8
Infrared (IR) ................................................................................................................. 22
1.4.9
Keyboard and Mouse Controller (KBC)
..................................................................... 23
1.4.10
Musical Instrument Digital Interface (MIDI) Port .......................................................... 23
1.4.11
Parallel Port
............................................................................................................... 24
1.4.12
Power and Ground ..................................................................................................... 25
1.4.13
Protection .................................................................................................................... 25
1.4.14
Serial Port 1 and Serial Port 2 ..................................................................................... 25
1.4.15
Strap Configuration ...................................................................................................... 26
1.4.16
System Wake-Up Control ............................................................................................ 26
1.4.17
WATCHDOG Timer (WDT) ......................................................................................... 27
1.5
INTERNAL PULL-UP AND PULL-DOWN RESISTORS ............................................................ 28
2.0
Device Architecture and Configuration
2.1
OVERVIEW ............................................................................................................................... 30
2.2
CONFIGURATION STRUCTURE AND ACCESS ..................................................................... 30
2.2.1
The Index-Data Register Pair ...................................................................................... 30
2.2.2
Banked Logical Device Registers Structure ................................................................ 32
2.2.3
Standard Logical Device Configuration Register Definitions ....................................... 33
2.2.4
Standard Configuration Registers ............................................................................... 35
2.2.5
Default Configuration Setup ........................................................................................ 36
2.2.6
Power States ...............................................................................................................36
2.2.7
Address Decoding ....................................................................................................... 37
2.3
PROTECTION ........................................................................................................................... 37
2.3.1
Chassis Intrusion Detection ......................................................................................... 37
2.3.2
Pin Configuration Lock ................................................................................................ 37
2.3.3
GPIO Pin Function Lock .............................................................................................. 38
2.4
POWER SUPPLY CONTROL (PSC) ......................................................................................... 38
2.5
LED OPERATION AND STATES .............................................................................................. 40
2.6
POWER SUPPLY CONTROL AND LED CONFIGURATION .................................................... 40
2.7
REGISTER TYPE ABBREVIATIONS ........................................................................................ 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com