Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPT7922SCJ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPT7922SCJ
Description  12-BIT, 30 MSPS, TTL, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT7922SCJ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPT7922SCJ Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7922SCJ Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7922SCJ Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7922SCJ Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7922SCJ Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7922SCJ Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7922SCJ Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7922SCJ Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT7922SCJ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPT7922
12-BIT, 30 MSPS, TTL, A/D CONVERTER
FEATURES
• Monolithic
• 12-Bit 30 MSPS Converter
• 64 dB SNR @ 3.58 MHz Input
• On-Chip Track/Hold
• Bipolar
±2.0 V Analog Input
• Low Power (1.1 W Typical)
• 5 pF Input Capacitance
• TTL Outputs
APPLICATIONS
• Radar Receivers
• Professional Video
• Instrumentation
• Medical Imaging
• Electronic Warfare
• Digital Communications
• Digital Spectrum Analyzers
• Electro-Optics
12
Digital
Output
4
4-Bit Flash
Converter
Analog Gain
Compression
Processor
Track-and-Hold
Amplifiers
Asynchronous
SAR
Error
Correction,
Decoding
and
Output TTL
Drivers
8
Input
Buffer
VIN
Signal Processing Technologies, Inc.
4755 Forge Road, Colorado Springs, Colorado 80907, USA
Phone: (719) 528-2300
FAX: (719) 528-2370
GENERAL DESCRIPTION
The SPT7922 A/D converter is the industry's first 12-bit
monolithic analog-to-digital converter capable of sample
rates of greater than 30 MSPS. On board input buffer and
track/hold function assures excellent dynamic perfor-
mance without the need for external components. Drive
requirement problems are minimized with an input ca-
pacitance of only 5 pF.
Logic inputs and outputs are TTL. An overrange output
signal is provided to indicate overflow conditions. Output
data format is straight binary. Power dissipation is very low
at only 1.1 watts with power supply voltages of +5.0 and
-5.2 volts. The SPT7922 also provides a wide input voltage
range of
±2.0 volts.
The SPT7922 is available in 32-lead ceramic sidebrazed
DIP and 44-lead cerquad packages over the commercial
temperature range. Consult the factory for availability of
die, military temperature and /883 versions.
BLOCK DIAGRAM


Similar Part No. - SPT7922SCJ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7922SCJ CADEKA-SPT7922SCJ Datasheet
192Kb / 11P
12-BIT, 30 MSPS, TTL, A/D CONVERTER
More results

Similar Description - SPT7922SCJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD768 AD-AD768 Datasheet
334Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV.B
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Intersil Corporation
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
12-Bit, 10 MSPS A/D Converter
02 1999
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
12-BIT, 20 MSPS, TTL, A/D CONVERTER
SPT7922 CADEKA-SPT7922 Datasheet
192Kb / 11P
12-BIT, 30 MSPS, TTL, A/D CONVERTER
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
12-Bit, 10 MSPS A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com