Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87570-ICC/VUL Datasheet(PDF) 127 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 127 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 123Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 124Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 125Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 126Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 127Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 128Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 129Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 130Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 131Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 168 page
background image
Digital to Analog Converter (DAC)
127
www.national.com
17.0 Digital to Analog Converter (DAC)
The DAC receives digital data and delivers analog signals
on four output pins. It includes four independent digital to
analog converters. Each of them has 8-bit resolution and a
full output range from AGND to AVCC. The DAC has a typi-
cal output impedance of 3 K
Ω, which allows a settling time
of about 1
µs on a 50 pF load.
17.1 FEATURES
• 8-bit resolution
• 4-channel D/A converter
• Fast settling time, 1 µs typical, on 50 pF capacitive load
• Output swing from AGND to AV
CC
• Independent enable/disable for each channel
• Zero power when disabled, low power when enabled
• Outputs drive zero when disabled
17.2 FUNCTIONAL DESCRIPTION
The DAC comprises four independent digital to analog con-
verters. The converters drive the four output pins DA0-3, as
shown in Figure 17-1.
After reset (on power-up or when a positive pulse is applied
on the HMR pin), all four channels are disabled and the volt-
age on the DA0-3 outputs is 0 V.
When a DAC channel is enabled, its output is defined by the
value written to its DACDAT Register. DACDAT0 through
DACDAT3 control DA0 through DA3, respectively. The
maximum output voltage is (255/256)*AVCC and is obtained
for a value of FFh. The minimum output, AGND, is obtained
for a value of 00h.
The reference voltage of the converters is the AVCC analog
power supply voltage. This allows full swing of the outputs
from zero to nearly AVCC.
The Control Register is used to enable/disable each of the
four channels. The DAC can be disabled by software before
entering Idle mode.
17.2.1
DAC Reset
The DACCTRL Register is reset to its default value, in the
following two ways:
Cold Reset. Upon power-up, an internal power-up detect
circuit generates a reset cycle. See Section 2.3 on page 26.
Warm Reset. When the chip is powered up and a positive
pulse is applied on the HMR pin, a reset cycle is generated.
See HMR pin functionality in Table 2-2 on page 21.
17.2.2
Reference Voltage
The analog output voltages are converted relative to a ref-
erence voltage. See details in Figure 17-1 and Table 19-7
on page 135. The internally connected reference voltage of
the DAC is the analog power supply. To assure good signal
quality on the DAC outputs, a low noise analog power sup-
ply should be used.
17.2.3
Output Signal Range
The DAC performs a linear conversion of the input digital
value written into the DACDATA0-3 Registers to an un-
signed analog output signal. The output signal should be
taken relative to the analog ground pin (AGND), and can
range from a minimum of AGND to almost AVCC. See
Table 19-6 on page 134.
A 00h written to the DACDAT0-3 Registers results in an out-
put signal of zero (ground) for the respective output. An FFh
written to the DACDAT0-3 Registers results in an output
signal of (255/256)*AVCC for the respective output.
Peripheral
Figure 17-1. DAC Functional Diagram
DAC0
DA0
DA1
DA2
DA3
AVCC
VREF
AGND
C3
0.1
DAC
DACDATA0
Bus
PC87570
Analog
Power
C2
22
+
µF
3.3 V
or
5.0 V
AVCC
to other
modules
µF
DAC
Control
Register
DAC1
VREF
DACDATA1
DAC2
VREF
DACDATA2
DAC3
VREF
DACDATA3
IDLE
AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com