Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A2000 Datasheet(PDF) 2 Page - NEC

Part # A2000
Description  The scalable enterprise server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

A2000 Datasheet(HTML) 2 Page - NEC

  A2000 Datasheet HTML 1Page - NEC A2000 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC Express5800/A2000 Series
Hardware Specifications
Cat.No. E03-16100008E
© 2016 NEC Corporation. All rights reserved. NEC, NEC logo are trademarks or registered trademarks of NEC Corporation that may be registered in Japan
and other jurisdictions. All trademarks identi ed with ® or ™ are registered trademarks or trademarks respectively. The information and speci cations
contained in this publication are subject to change without prior notice. NEC shall not be responsible for technical or editorial errors. Models may vary for
each country. Please refer to your local NEC representatives for further details.
EMEA (Europe, Middle East, Africa)
NEC Enterprise Solutions
www.nec-enterprise.com
Corporate Headquarters (Japan)
NEC Corporation
www.nec.com
North America (USA, Canada)
NEC Corporation of America
www.necam.com
APAC (South Asia, South East Asia, Oceania)
sg.nec.com
NEC Asia Pacic Pte. Ltd.
For further information please contact your local NEC representative or:
MODEL
Express5800/A2000 Series (A2040d, A2040d COPT, A2020d, A2010d)
Form factor / height
4U rack
Number of processors
A2040d: 2 to 4 (configurable), A2020d: 2 (fixed), A2010d: 1 (fixed)
Processors
Intel® Xeon® Processor E7-8890v4 (2.2 GHz/24-core/60MB)
Intel® Xeon® Processor E7-8880v4 (2.2 GHz/22-core/55MB)
Intel® Xeon® Processor E7-8867v4 (2.4 GHz/18-core/45MB)
Intel® Xeon® Processor E7-8855v4 (2.1 GHz/14-core/35MB
Intel® Xeon® Processor E7-4820v4 (2.0 GHz/10-core/25MB)
Intel® Xeon® Processor E7-4809v4 (2.1 GHz/ 8-core/20MB)
Intel® Xeon® Processor E7-8891v4 (2.8 GHz/10-core/60MB)
Intel® Xeon® Processor E7-8893v4 (3.2 GHz/ 4-core/60MB)
Memory type
DDR4-2133 Registered DIMM (8/16/32 GB), DDR4-2133 Load Reduced DIMM (32/64 GB)
Memory slots
64 (in case of A2010d: 32)
Maximum memory
4 TB (2 TB for A2010d)
Storage type
Hot plug 2.5-inch SAS HDD, Hot-plug 2.5-inch SAS SSD
Maximum internal drive bays
8
Maximum internal storage
HDD: 9.6 TB, SSD: 3.2 TB
Removable media
Internal or external drive (option)
Expansion slots
14x (in case of A2010d: 7x) PCI Express 3.0 (x8 lane, x8 socket) (Low Profile, 167.6 mm in length)
2x PCI Express 3.0 (x4 lane, x8 socket) (Low Profile, 167.6 mm in length)
Network
2x Management LAN connector (1000 BASE-T / 100 BASE-TX / 10 BASE-T, RJ45, rear)
Maximum power consumption (200V) A2040d: 2358 VA / 2311 Watt, A2020d: 2223 VA / 2179 Watt, A2010d: 1425 VA / 1396 Watt
Maximum weight
A2040d: 54 kg, A2020d: 54 kg, A2010d: 48 kg
Interface
5 x USB 2.0 (3x front, 1x rear, 1x internal), 1 x VGA (front), 1 x SUV (2x USB, 1x VGA, 1x Serial, rear)
Power
Up to 4 80 PLUS® Platinum certified power supply / Redundancy and hot plug supported
Video (VRAM)
Embedded in management controller chip (8 MB)
Dimensions (W x D x H)
443.0 x 719.3 x 174.5 mm (4U rack height)
482.6 x 892.5 x 175.5 mm (including protruding objects and guide rails)
Temperature and humidity conditions
(non-condensing)
Operating: 10 to 40 °C / 50 to 104 °F, 20 to 80%
Non-operating: -10 to 55 °C / 14 to 131 °F, 20 to 80%
Operating systems and
virtualization software
Microsoft® Windows Server® 2012 R2 Standard / Datacenter
Red Hat® Enterprise Linux® 6.8 or later (x86_64)
VMware® ESXi™ 6.0 Update2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com