Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL25N15F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL25N15F3
Description  Very low thermal resistance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL25N15F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STL25N15F3 Datasheet HTML 1Page - STMicroelectronics STL25N15F3 Datasheet HTML 2Page - STMicroelectronics STL25N15F3 Datasheet HTML 3Page - STMicroelectronics STL25N15F3 Datasheet HTML 4Page - STMicroelectronics STL25N15F3 Datasheet HTML 5Page - STMicroelectronics STL25N15F3 Datasheet HTML 6Page - STMicroelectronics STL25N15F3 Datasheet HTML 7Page - STMicroelectronics STL25N15F3 Datasheet HTML 8Page - STMicroelectronics STL25N15F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2009
Rev 1
1/12
12
STL25N15F3
N-channel 150 V, 0.045
Ω, 6 A PowerFLAT™ (6x5)
STripFET™ III Power MOSFET
Features
■ Improved die-to-footprint ratio
■ Very low profile package (1mm max)
■ Very low thermal resistance
■ Low on-resistance
Application
■ Switching application
Description
This product utilizes the latest advanced design
rules of ST’s proprietary STripFET™ technology
which is suitable for the most demanding DC-DC
converter applications where high efficiency is
required.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STL25N15F3
150 V
< 0.057
Ω
6 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™(6x5)
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL25N15F3
L25N15F3
PowerFLAT™ (6x5)
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STL25N15F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL25N15F4 STMICROELECTRONICS-STL25N15F4 Datasheet
778Kb / 12P
N-channel enhancement mode
09-Sep-2009
More results

Similar Description - STL25N15F3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com