Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL90N10F7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL90N10F7
Description  N-channel 100 V, 0.007 Ω typ., 70 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL90N10F7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL90N10F7 Datasheet HTML 6Page - STMicroelectronics STL90N10F7 Datasheet HTML 7Page - STMicroelectronics STL90N10F7 Datasheet HTML 8Page - STMicroelectronics STL90N10F7 Datasheet HTML 9Page - STMicroelectronics STL90N10F7 Datasheet HTML 10Page - STMicroelectronics STL90N10F7 Datasheet HTML 11Page - STMicroelectronics STL90N10F7 Datasheet HTML 12Page - STMicroelectronics STL90N10F7 Datasheet HTML 13Page - STMicroelectronics STL90N10F7 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STL90N10F7
Package information
DocID024551 Rev 4
11/14
4.2
PowerFLAT™ 5x6 packing information
Figure 21: PowerFLAT™ 5x6 tape (dimensions are in mm)
Figure 22: PowerFLAT™ 5x6 package orientation in carrier tape
Measured from centerline of sprocket hole
to centerline of pocket.
Cumulative tolerance of 10 sprocket
holes is ± 0.20 .
Measured from centerline of sprocket
hole to centerline of pocket.
(I)
(II)
(III)
2
2.0±0.1 (I)
Ko (1.20±0.1)
±0.05)
Ø1.5 MIN.
Ø1.55±0.05
P
Ao(6.30±0.1)
1.75±0.1
4.0±0.1 (II)
P 0
Y
Y
SECTION Y-Y
C
L
P1(8.00±0.1)
Do
D1
E1
(0.30
T
RE
F.R0.5
0
Base and bulk quantity 3000 pcs
8234350_Tape_rev_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com