Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL106D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL106D
Description  Very high switching speed
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL106D Datasheet(HTML) 1 Page - STMicroelectronics

  STL106D Datasheet HTML 1Page - STMicroelectronics STL106D Datasheet HTML 2Page - STMicroelectronics STL106D Datasheet HTML 3Page - STMicroelectronics STL106D Datasheet HTML 4Page - STMicroelectronics STL106D Datasheet HTML 5Page - STMicroelectronics STL106D Datasheet HTML 6Page - STMicroelectronics STL106D Datasheet HTML 7Page - STMicroelectronics STL106D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
March 2008
Rev 1
1/8
8
STL106D
High voltage fast-switching NPN power transistor
Features
NPN transistor
Low spread of dynamic parameters
Minimum lot-to-lot spread for reliable operation
Very high switching speed
Applications
Compact fluorescent lamps at 110V A.C. mains
Flyback and forward single transistor low power
converters at 110V A.C. mains
Description
The device is manufactured using multi-epitaxial
Planar technology for high switching speeds and
medium voltage capability. It uses a Cellular
Emitter structure with planar edge termination to
enhance switching speeds while maintaining the
wide RBSOA. The device is designed for use in
lighting applications and low cost switch-mode
power supplies.
Figure 1.
Internal schematic diagram
Table 1.
Device summary
TO-92
Order code
Marking
Package
Packaging
STL106D
L106D
TO-92
Bulk
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STL106D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100N10F7 STMICROELECTRONICS-STL100N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 0.0062 Ω typ., 19 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
July 2013 Rev 4
STL100N1VH5 STMICROELECTRONICS-STL100N1VH5 Datasheet
775Kb / 13P
N-channel 12 V, 0.0022 25 A PowerFLAT (5x6) STripFET V Power MOSFET
10-Mar-2011
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STL100N4LF8 STMICROELECTRONICS-STL100N4LF8 Datasheet
800Kb / 13P
N-channel logic level 40 V, 2.7 mΩ max., 103 A, STripFET F8 Power MOSFET in a PowerFLAT 3.3x3.3 package
09-Apr-2025
More results

Similar Description - STL106D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ187 SANYO-2SJ187 Datasheet
85Kb / 3P
Very High-Speed Switching Applications
2SJ259 SANYO-2SJ259 Datasheet
89Kb / 3P
Very High-Speed Switching Applications
2SJ265 SANYO-2SJ265 Datasheet
84Kb / 3P
Very High-Speed Switching Applications
2SJ276 SANYO-2SJ276 Datasheet
85Kb / 3P
Very High-Speed Switching Applications
2SJ284 SANYO-2SJ284 Datasheet
73Kb / 3P
Very High-Speed Switching Applications
2SJ285 SANYO-2SJ285 Datasheet
72Kb / 3P
Very High-Speed Switching Applications
2SJ287 SANYO-2SJ287 Datasheet
81Kb / 3P
Very High-Speed Switching Applications
2SJ320 SANYO-2SJ320 Datasheet
82Kb / 3P
Very High-Speed Switching Applications
2SJ337 SANYO-2SJ337 Datasheet
88Kb / 3P
Very High-Speed Switching Applications
2SK1417 SANYO-2SK1417 Datasheet
87Kb / 3P
Very High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com