Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL260N3LLH6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL260N3LLH6
Description  Very low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL260N3LLH6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL260N3LLH6 Datasheet HTML 2Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 3Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 4Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 5Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 6Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 7Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 8Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 9Page - STMicroelectronics STL260N3LLH6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STL260N3LLH6
6/15
DocID026659 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Normalized V(BR)DSS vs temperature
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
0.01
0.1
1
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
1ms
10ms
100
µs
Tj=175°C
Tc=25°C
Single pulse
100
1000
GIPG230620141051SA
ID
60
40
20
0
0
1.0
VDS(V)
2.0
(A)
0.5
1.5
2.5
80
100
3V
4V
120
140
160
180
AM08600v1
ID
30
20
10
0
0
4
VGS(V)
(A)
2
40
50
1
3
60
70
VDS=2V
80
AM08601v1
V(BR)DSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.90
0.95
1.00
1.05
1.10
175
AM08602v1
RDS(on)
1.05
1.00
0.95
0
20
ID(A)
(m
Ω)
10
30
1.10
1.15
VGS=10V
5
15
25
35 40
AM08603v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com