Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STNRGPF01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STNRGPF01
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STNRGPF01 Datasheet HTML 4Page - STMicroelectronics STNRGPF01 Datasheet HTML 5Page - STMicroelectronics STNRGPF01 Datasheet HTML 6Page - STMicroelectronics STNRGPF01 Datasheet HTML 7Page - STMicroelectronics STNRGPF01 Datasheet HTML 8Page - STMicroelectronics STNRGPF01 Datasheet HTML 9Page - STMicroelectronics STNRGPF01 Datasheet HTML 10Page - STMicroelectronics STNRGPF01 Datasheet HTML 11Page - STMicroelectronics STNRGPF01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
STNRGPF01 block diagram
STNRGPF01
8/40
DocID030377 Rev 2
3.1
Voltage and current loop
The STNRGPF01 implements mixed signal average current control. The task of the digital
voltage loop is to regulate the output voltage of the PFC. The VIN and IOUT measurements
are used to implement the input/output feed-forward (I/O FFD), so load steps or input
voltage variations are quickly compensated for by acting on digital PI output calculations.
This function allows keeping the output voltage at the set point value and as constant as
possible (see Figure 3).
Figure 3. Voltage loop and current reference
The output of the digital PI controller is the peak current reference. In order to obtain a
sinusoidal current reference, the Ipk_ref is multiplied by a lookup table (LUT). The LUT is
synchronized with the input voltage thanks to the ZVD signal (pin 17). The output of the
multiplier is a PWM signal with a sinusoidal duty cycle that is configured on pin 19 SIN REF.
An analog filter is used to obtain the final sinusoidal current reference for the external
current loop (itot_ref). The analog PI current compares the reference itot_ref with the total input
current feedback (itot_fb) and generates the duty cycle wave for the PWM modulation. The
master PWM signal is obtained by comparing (COMP2,3) the output of the PI current with a
triangular wave at switching frequency (see Figure 6: Analog comparators section and
Section 3.4: Driving and interleaving).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com