Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM6710KWB6F Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM6710KWB6F
Description  Immune to power supply transients
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6710KWB6F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM6710KWB6F Datasheet HTML 7Page - STMicroelectronics STM6710KWB6F Datasheet HTML 8Page - STMicroelectronics STM6710KWB6F Datasheet HTML 9Page - STMicroelectronics STM6710KWB6F Datasheet HTML 10Page - STMicroelectronics STM6710KWB6F Datasheet HTML 11Page - STMicroelectronics STM6710KWB6F Datasheet HTML 12Page - STMicroelectronics STM6710KWB6F Datasheet HTML 13Page - STMicroelectronics STM6710KWB6F Datasheet HTML 14Page - STMicroelectronics STM6710KWB6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DocID16887 Rev 3
11/20
STM6700, STM6710
Maximum ratings
20
5
Maximum ratings
Stressing the device above the ratings listed in Table 3 may cause permanent damage to
the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in Table 4 of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability. Refer
also to the STMicroelectronics™ SURE program and other relevant quality documents.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off)
–55 to 150
°C
TSLD(1)
1. Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
Lead solder temperature for 10 seconds
260
VIO
Input or output voltage
–0.3 to VCC + 0.3
V
VCC
Supply voltage
–0.3 to + 7
IO
Output current
20
mA
qJA
Thermal resistance (junction to ambient)
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com