Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM6710LWB6F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM6710LWB6F
Description  Immune to power supply transients
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6710LWB6F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM6710LWB6F Datasheet HTML 11Page - STMicroelectronics STM6710LWB6F Datasheet HTML 12Page - STMicroelectronics STM6710LWB6F Datasheet HTML 13Page - STMicroelectronics STM6710LWB6F Datasheet HTML 14Page - STMicroelectronics STM6710LWB6F Datasheet HTML 15Page - STMicroelectronics STM6710LWB6F Datasheet HTML 16Page - STMicroelectronics STM6710LWB6F Datasheet HTML 17Page - STMicroelectronics STM6710LWB6F Datasheet HTML 18Page - STMicroelectronics STM6710LWB6F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
DocID16887 Rev 3
15/20
STM6700, STM6710
Package mechanical data
20
Figure 10. SOT23-6 landing pattern
Table 6. SOT23 – 6-lead small outline transistor package mechanical data
Symbol
Dimensions
mm
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.9
1.45
0.035
0.057
A1
0
0.10
0
0.0039
A2
0.9
1.3
0.035
0.0512
b
0.35
0.5
0.014
0.02
c
0.09
0.2
0.004
0.008
D
2.8
3.05
0.11
0.120
E
1.5
1.75
0.059
0.0689
e0.95
0.037
H
2.6
3
0.102
0.118
L
0.1
0.6
0.004
0.024
q
0°
10°
0°
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com