Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STU7N105K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STU7N105K5
Description  N-channel 1050 V, 1.4 Ω typ., 4 A MDmesh™ K5 Power MOSFETs in TO-220, IPAK and TO-247 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU7N105K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STU7N105K5 Datasheet HTML 1Page - STMicroelectronics STU7N105K5 Datasheet HTML 2Page - STMicroelectronics STU7N105K5 Datasheet HTML 3Page - STMicroelectronics STU7N105K5 Datasheet HTML 4Page - STMicroelectronics STU7N105K5 Datasheet HTML 5Page - STMicroelectronics STU7N105K5 Datasheet HTML 6Page - STMicroelectronics STU7N105K5 Datasheet HTML 7Page - STMicroelectronics STU7N105K5 Datasheet HTML 8Page - STMicroelectronics STU7N105K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STP7N105K5, STU7N105K5, STW7N105K5
Electrical ratings
DocID026183 Rev 2
3/18
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
4
A
ID
Drain current (continuous) at TC = 100 °C
3
A
IDM(1)
Drain current (pulsed)
16
A
PTOT
Total dissipation at TC = 25 °C
110
W
IAR
Avalanche current, repetitive or not repetitive (pulse width limited
by Tjmax)
1.5
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID=IAR, VDD= 50 V)
132
mJ
dv/dt (2)
Peak diode recovery voltage slope
4.5
V/ns
dv/dt (3)
MOSFET dv/dt ruggedness
50
V/ns
Tj
Operating junction temperature range
- 55 to 150
°C
Tstg
Storage temperature range
Notes:
(1)Pulse width limited by safe operating area.
(2)ISD ≤ 4 A, di/dt ≤ 100 A/µs, VDS(peak) ≤ V(BR)DSS ; VSD ≤ 840 V
(3)VDS ≤ 840 V
Table 3: Thermal data
Symbol
Parameter
Value
Unit
TO-220
IPAK
TO-247
Rthj-case
Thermal resistance junction-case max
1.14
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
100
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com