Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP265N6F6AG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP265N6F6AG
Description  High avalanche ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP265N6F6AG Datasheet(HTML) 5 Page - STMicroelectronics

  STP265N6F6AG Datasheet HTML 1Page - STMicroelectronics STP265N6F6AG Datasheet HTML 2Page - STMicroelectronics STP265N6F6AG Datasheet HTML 3Page - STMicroelectronics STP265N6F6AG Datasheet HTML 4Page - STMicroelectronics STP265N6F6AG Datasheet HTML 5Page - STMicroelectronics STP265N6F6AG Datasheet HTML 6Page - STMicroelectronics STP265N6F6AG Datasheet HTML 7Page - STMicroelectronics STP265N6F6AG Datasheet HTML 8Page - STMicroelectronics STP265N6F6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STP265N6F6AG
Electrical characteristics
DocID027281 Rev 3
5/13
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
180
A
ISDM (1)
Source-drain current
(pulsed)
720
A
VSD (2)
Forward on voltage
ISD = 180 A,
VGS = 0 V
1.1
V
trr
Reverse recovery time
ISD = 120 A,
VDD = 48 V
di/dt = 100 A/µs,
Tj = 150 °C
(see Figure 15: "Test circuit for
inductive load switching and
diode recovery times")
-
56
-
ns
Qrr
Reverse recovery charge
-
116
-
nC
IRRM
Reverse recovery current
-
3.8
-
A
Notes:
(1) Pulse width limited by safe operating area.
(2)Pulsed: pulse duration = 300 µs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com