Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM8147SCIS0 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # DM8147SCIS0
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM8147SCIS0 Datasheet(HTML) 73 Page - Texas Instruments

Back Button DM8147SCIS0 Datasheet HTML 69Page - Texas Instruments DM8147SCIS0 Datasheet HTML 70Page - Texas Instruments DM8147SCIS0 Datasheet HTML 71Page - Texas Instruments DM8147SCIS0 Datasheet HTML 72Page - Texas Instruments DM8147SCIS0 Datasheet HTML 73Page - Texas Instruments DM8147SCIS0 Datasheet HTML 74Page - Texas Instruments DM8147SCIS0 Datasheet HTML 75Page - Texas Instruments DM8147SCIS0 Datasheet HTML 76Page - Texas Instruments DM8147SCIS0 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-10. GP0 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
MCA[3], TIMER4
MCA[3]_AXR[0]/
IPD
PINCNTL47
TIM4_IO/
G1
I/O
DVDD
DSIS: PIN
GP0[18]
MM: MUX1
General-Purpose Input/Output (I/O) 0 [GP0] pin 18
VIN[0]A,
VIN[0]A_DE/
CAMERA_I/F
IPU
CAM_D[7]/
AB17
I/O
PINCNTL164
DVDD_C
GP0[18]
DSIS: PIN
MM: MUX0
MCA[3]
MCA[3]_AFSX/
IPD
PINCNTL46
H4
I/O
GP0[17]
DVDD
DSIS: PIN
MM: MUX1
VIN[0]A,
General-Purpose Input/Output (I/O) 0 [GP0] pin 17
VIN[0]A_D[23]/
CAMERA_I/F,
CAM_D[15]/
EMAC[1]_RM,
IPD
EMAC[1]_RMTXEN/
AC16
I/O
SPI[3]
DVDD_C
SPI[3]_D[0]/
PINCNTL163
GP0[17]
DSIS: PIN
MM: MUX0
MCA[3]
MCA[3]_ACLKX/
IPD
PINCNTL45
G6
I/O
GP0[16]
DVDD
DSIS: PIN
MM: MUX1
VIN[0]A,
General-Purpose Input/Output (I/O) 0 [GP0] pin 16
VIN[0]A_D[22]/
CAMERA_I/F,
CAM_D[14]/
EMAC[1]_RM,
IPD
EMAC[1]_RMTXD[1]/
AC21
I/O
SPI[3]
DVDD_C
SPI[3]_D[1]/
PINCNTL162
GP0[16]
DSIS: PIN
MM: MUX0
MCA[2], MCA[1],
MCA[2]_AXR[3]/
TIMER3
MCA[1]_AXR[7]/
IPD
H2
I/O
PINCNTL44
TIM3_IO/
DVDD
DSIS: PIN
GP0[15]
MM: MUX1
VIN[0]A,
General-Purpose Input/Output (I/O) 0 [GP0] pin 15
VIN[0]A_D[21]/
CAMERA_I/F,
CAM_D[13]/
EMAC[1]_RM,
IPD
EMAC[1]_RMTXD[0]/
AE18
I/O
SPI[3]
DVDD_C
SPI[3]_SCLK/
PINCNTL161
GP0[15]
DSIS: PIN
MM: MUX0
MCA[2], MCA[1],
MCA[2]_AXR[2]/
TIMER2
MCA[1]_AXR[6]/
IPD
V5
I/O
PINCNTL43
TIM2_IO/
DVDD
DSIS: PIN
GP0[14]
MM: MUX1
VIN[0]A,
General-Purpose Input/Output (I/O) 0 [GP0] pin 14
VIN[0]A_D[20]/
CAMERA_I/F,
CAM_D[12]/
EMAC[1]_RM,
IPD
EMAC[1]_RMCRSDV/
AC17
I/O
SPI[3]
DVDD_C
SPI[3]_SCS[0]/
PINCNTL160
GP0[14]
DSIS: PIN
MM: MUX0
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
73
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com