Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRL01R020JKB Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CRL01R020JKB
Description  CURRENT SENSING CHIP RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRL01R020JKB Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CRL01R020JKB Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components, Inc.
CURRENT SENSING CHIP RESISTORS
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
1
DERATING CURVE
DIMENSIONS (mm)
Size
L
W
D1
D2
Tt
0402
1.00 + 0.05
0.50 + 0.05
0.25 + 0.10
0.20 + 0.10
0.32 + 0.05
0603
1.60 + 0.10
0.80 + 0.10
0.30 + 0.20
0.30 + 0.20
0.45 + 0.10
0805
2.00 + 0.15
1.25 + 0.15
0.30 + 0.20
0.30 + 0.20
0.50 + 0.10
1206
3.10 + 0.15
1.55 + 0.15
0.50 + 0.30
0.40 + 0.20
0.60 + 0.10
2010
5.00 + 0.15
2.50 + 0.15
0.60 + 0.30
0.50 + 0.25
0.60 + 0.10
2512
6.30 + 0.15
3.10 + 0.15
0.60 + 0.30
0.50 + 0.25
0.60 + 0.10
3720
3.75 + 0.20
2.00 + 0.20
0.40+ 0.20
0.40 + 0.20
0.60 + 0.10
0612
7.50 + 0.20
2.00 + 0.20
0.40+ 0.20
0.40 + 0.20
0.60 + 0.10
RATING & CHARACTERISTIC
Size
Tolerance
(%)
Max TCR (ppm/°C) Per Resistance Range in Ω
Rated
Power
±300
±250
±200
±150
±100
0402
±1, ±2, ±5
0.100 ~ 0.200
0.220 ~ 1.000
1/16 W
0603
±1, ±2, ±5
0.100 ~ 0.910
0.010 ~ 0.200
0.021 ~ 0.910
1/10 W
0805
±1, ±2, ±5
0.100 ~ 0.910
0.010 ~ 0.091
0.100 ~ 0.200
0.005 ~ 0.020
0.210 ~ 0.910
1/8 W
1206
±1, ±2, ±5
0.100 ~ 0.910
0.010 ~ 0.091
0.002 ~ 0.030
1/4 W
1210
±1, ±2, ±5
0.100 ~ 0.910
1/4 W
2010
±1, ±2, ±5
0.100 ~ 0.910
0.005 ~ 0.030
1/2 W
2512
±1, ±2, ±5
0.001 ~ 0.050
0.010 ~ 0.091
0.100 ~ 0.910
0.001 ~ 0.010
1W
3720
±1, ±2, ±5
0.001 ~ 0.030
0.5W & 1W
0612
±1, ±2, ±5
0.001 ~ 0.010
0.5W & 1W
PERFORMANCE
Item
Specification
Test Method
~
Temp. Coefficient of Resistance
As Spec
MIL-STD-202F, Method 304 304 +25/-55/+25/+125/+25
°C
Short Time Overload
±(0.5% + 0.05 )
JIS-C-5202-5.5 RCWV*2.5orMax Overloading Voltage 5 seconds
Dielectric Withstand Voltage
By type
MIL-STD-202F, Method 301 Apply Max Overload Voltage for 1 minute
Insulation Resistance
>1000M
MIL-STD-202F, Method 302 Apply 100VDC for 1 minute
Thermal Shock
±(0.5% + 0.05 )
MIL-STD-202F, Method 107G -55
°C ~ + 150°C, 100 cycles
Load Life
±(1% + 0.05 )
MIL-STD-202F, Method 108A RCWV 70
°C, 1.5 hrs ON, 0.5 hrs off, 1000 ~ 1048 hrs
Humidity (Stable State)
±(1% + 0.05 )
MIL-STD-202F, Method 103B 40°C, 90~95%RH , RCWV 1.5 hrs ON, 0.5 hrs OFF, total 1000 ~ 1048 hrs
Resistance to Dry Heat
±(0.5% + 0.05 )
JIS-C-5202 7.2 96 hours @ +125
°C without load
Low Temperature Operation
±(0.5% + 0.05 )
JIS-C-5202 7.1 1 hour, -65
°C followed by 45 minutes if RCWV
Bending Strength
±(0.5% + 0.05 )
JIS-C-5202 6.1.4 Bending Amplitude 3mm for 10 seconds
Solderability
95% min. Coverage
MIL-STD-202F, Method 208H 235
°C±5°C, 2±0.5 (sec)
Resistance to Soldering Heat
±(0.5% + 0.05 )
MIL-STD-202F, Method 210E 260±5
°C ,10±1second
The content of this specification may change without notification 5/15/2015
HOW TO ORDER
CRL10
R020
J
N
M
Packaging
M = Tape/Reel
B = Bulk
TCR (PPM/°°°°C)
K=+100
L=+200
N=+300
O=+400
Q=+600
M=+500
Tolerance (%)
F = +1
G = +2
J = +5
EIA Resistance Value
Standard decade values
Series Size
CRL05 = 0402
CRL12 = 2010
CRL16 = 0603
CRL01 = 2512
CRL10 = 0805
CR12S = 0612
CRL18 = 1206
CR1S = 3720
CRL14 = 1210
CRL02 = 7520
FEATURES
Current Sensing Resistor
Reference Standard = IEC 60115-8, JIS C 5201-8


Similar Part No. - CRL01R020JKB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRL01R20FKB AAC-CRL01R20FKB Datasheet
119Kb / 1P
Low Ohm Surface Mount Chip Resistors
CRL01R20FKM AAC-CRL01R20FKM Datasheet
119Kb / 1P
Low Ohm Surface Mount Chip Resistors
CRL01R20FLB AAC-CRL01R20FLB Datasheet
119Kb / 1P
Low Ohm Surface Mount Chip Resistors
CRL01R20FLM AAC-CRL01R20FLM Datasheet
119Kb / 1P
Low Ohm Surface Mount Chip Resistors
CRL01R20FNB AAC-CRL01R20FNB Datasheet
119Kb / 1P
Low Ohm Surface Mount Chip Resistors
More results

Similar Description - CRL01R020JKB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
Current Sensing Bondable Chip Resistors
06-Oct-08
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
Current Sensing Chip Resistors
NCSR NIC-NCSR Datasheet
484Kb / 5P
Current Sensing Chip Resistors
NCSS NIC-NCSS Datasheet
92Kb / 6P
Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
Current Sensing Chip Resistors
logo
List of Unclassifed Man...
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
THIN FILM CURRENT SENSING CHIP RESISTORS
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM_17 Datasheet
555Kb / 2P
PRECISION CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com