| Electronic Components Datasheet Search |
|
STSPIN250 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN250 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 26 page ![]() DocID029872 Rev 2 15/26 STSPIN250 Device description 26 6.3 PWM current control The device implements a current controller. The voltage on the sense pins (VSENSE) is compared to the reference voltage applied on the REF pin (VREF). When VSENSE > VREF, the current limiter is triggered, the OFF time counter is started, and the decay sequence is performed. The decay sequence starts turning on all the low sides of the full-bridge. After the programmed OFF time the system returns to the ON state. The reference voltage value, VREF, has to be selected according to the load current target value (peak value) and sense resistors value. Equation 1 VREF = RSNSx ILOAD,peak In choosing the sense resistors value, two main issues must be taken into account: The sensing resistor dissipates energy and provides dangerous negative voltages on the SENSE pins during the current recirculation. For this reason the resistance of this component should be kept low (using multiple resistors in parallel will help obtaining the required power rating with standard resistors). The lower is the RSNSx value, the higher is the peak current error due to noise on the VREF pin and to the input offset of the current sense comparator: too low values of RSNSx must be avoided. Table 9. ON and slow decay states PH PWM ON Decay 00 HSx1 = OFF LSx1 = ON HSx2 = OFF LSx2 = ON N.A.(1) 1. During decays the input values are ignored until the system returns to ON condition (decay time expired). 01 HSx1 = OFF LSx1 = ON HSx2 = ON LSx2 = OFF HSx1 = OFF LSx1 = ON HSx2 = OFF LSx2 = ON 10 HSx1 = OFF LSx1 = ON HSx2 = OFF LSx2 = ON N.A.(1) 11 HSx1 = ON LSx1 = OFF HSx2 = OFF LSx2 = ON HSx1 = OFF LSx1 = ON HSx2 = OFF LSx2 = ON |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |