Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLP3530 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3530
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3530 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3530 Datasheet HTML 1Page - Toshiba Semiconductor TLP3530 Datasheet HTML 2Page - Toshiba Semiconductor TLP3530 Datasheet HTML 3Page - Toshiba Semiconductor TLP3530 Datasheet HTML 4Page - Toshiba Semiconductor TLP3530 Datasheet HTML 5Page - Toshiba Semiconductor TLP3530 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3530
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−Triac
TLP3530
Triac Driver
Programmable Controllers
AC−Output Module
Solid State Relay
The TOSHIBA TLP3530 consists of a photo−triac optically coupled to a
gallium arsenide infrared emitting diode in a 16 lead plastic DIP package
for 2 channels output..
· Peak off−state voltage: 400V(min.)
· Trigger LED current: 10mA(max.)
· On−state current: 1.0Arms(max per 1ch)
1.4Arms(max per 2ch)
· Isolation voltage: 2500Vrms (min.)
Trigger LED Current
*
: (IFT7): TLP3530(IFT7)
(Note): Application type name for certification test,
please use standard product type name, i.e.
TLP3530(IFT7): TLP3530
Pin Configuration(top view)
3,6 : Anode
2.7 : Cathode
4,5 : N.C
12,13 : Triac T2(common)
10,15 : Triac T1
9,16 : Triac gate*
15
2
9
3
4
5
6
7
16
13
12
10
Unit in mm
TOSHIBA
―
Weight: 1.09 g
Trigger LED Current (mA)
VT=6V, Ta=25°C
Classi
- *
fication
Min
Max
Marking Of
Classification
(IFT7)
―
7.0
T7
Blank
―
10
T7, blank
TENTATIVE


Similar Part No. - TLP3530

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
27-Oct-2003
TLP350 TOSHIBA-TLP350 Datasheet
274Kb / 9P
GaA?밃s IRED Photo IC
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3506 TOSHIBA-TLP3506 Datasheet
147Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Similar Description - TLP3530

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
13-Jun-2001
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
25-Sep-2002
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
TOSHIBA Photocoupler GaAs IRED&Photo-triac
17-Jan-2002
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
24-May-2002
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com