Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW12N150K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW12N150K5
Description  Ultra low gate charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW12N150K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STW12N150K5 Datasheet HTML 1Page - STMicroelectronics STW12N150K5 Datasheet HTML 2Page - STMicroelectronics STW12N150K5 Datasheet HTML 3Page - STMicroelectronics STW12N150K5 Datasheet HTML 4Page - STMicroelectronics STW12N150K5 Datasheet HTML 5Page - STMicroelectronics STW12N150K5 Datasheet HTML 6Page - STMicroelectronics STW12N150K5 Datasheet HTML 7Page - STMicroelectronics STW12N150K5 Datasheet HTML 8Page - STMicroelectronics STW12N150K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STW12N150K5
Electrical characteristics
DocID027833 Rev 3
5/13
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay
time
VDD = 750 V, ID = 3.5 A, RG = 4.7 Ω
VGS = 10 V
(see Figure 18: "Unclamped inductive
load test circuit")
-
25
-
ns
tr
Rise time
-
8
-
ns
td(off)
Turn-off delay
time
-
90
-
ns
tf
Fall time
-
37
-
ns
Table 8: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain
current
-
7
A
ISDM
Source-drain
current (pulsed)
-
28
A
VSD
(1)
Forward on
voltage
ISD = 7 A, VGS = 0 V
-
1.5
V
trr
Reverse recovery
time
ISD = 7 A, VDD = 60 V
di/dt = 100 A/µs,
(see Figure 17: "Test circuit for
inductive load switching and diode
recovery times")
-
302
ns
Qrr
Reverse recovery
charge
-
3.71
µC
IRRM
Reverse recovery
current
-
24.6
A
trr
Reverse recovery
time
ISD = 7 A,VDD = 60 V
di/dt = 100 A/µs,
Tj = 150 °C
(see Figure 17: "Test circuit for
inductive load switching and diode
recovery times")
-
432
ns
Qrr
Reverse recovery
charge
-
4.71
µC
IRRM
Reverse recovery
current
-
21.8
A
Notes:
(1)
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Table 9: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown voltage
IGS = ±1 mA, ID = 0 A
30
-
V
The built-in back-to-back Zener diodes have been specifically designed to enhance the
ESD capability of the device. The Zener voltage is appropriate for efficient and cost-
effective intervention to protect the device integrity. These integrated Zener diodes thus
eliminate the need for external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com