Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CT161003APM Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # CT161003APM
Description  Thin Film Precision Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CT161003APM Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  CT161003APM Datasheet HTML 1Page - American Accurate Components, Inc. CT161003APM Datasheet HTML 2Page - American Accurate Components, Inc. CT161003APM Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
American Accurate Components, Inc.
Thin Film Precision Chip Resistors
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
2
ELECTRICAL CHARACTERISTICS
Size
Power Rating
at 70°°°° (W)
Resistance Range
±
±
±
±
% Tolerance
TCR (10-6/°°°°C)
Working
Voltage
Overload
Voltage
Operating
Temp Range
0201
0.05
22 ~ 75K
0.1, 0.5, 1.0
±
25 ±50 ±100
25V
50V
-55°C ~ +125°C
1K ~ 10K
0.05
±
10
0402
0.063
10.0 ~ 46.4
0.1, 0.5, 1
±
10, ±25, ±50
50V
100V
-55°C ~ +125°C
47.0 ~ 97.6
0.05, 0.1, 0.25, 0.5, 1
±
10, ±25, ±50
100 ~ 2.94K
0.02, 0.05, 0.1, 0.25, 0.5, 1
±
5, ±10, ±25, ±50
3.00K ~ 100K
0.05, 0.1, 0.25, 0.5, 1
±
10, ±25, ±50
0603
0.063
0.100
10.0 ~ 100K
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
1,2,3,5,10,25,50
75V
150V
-55°C ~ +125°C
102K ~ 270K
0.05, 0.1, 0.25, 0.5, 1
10, 25, 50
-55°C ~ +125°C
274K ~ 360K
0.1, 0.25, 0.5, 1
10, 25, 50
0603P
0.125
1.0 - 9.1
0.5, 1
±
50, ±100
75V
150V
-55°C ~ +125°C
10 - 390K
0.1, 1.0
±
10, ±25, ±50, ±100
0805
0.100
10.0 ~ 200K
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
1, 2, 3, 5, 10, 25, 50
100V
200V
-55°C ~ +125°C
205K ~ 360K
0.05, 0.1, 0.25, 0.5
10, 25, 50
365K ~ 487K
0.05, 0.1, 0.25, 0.5
10, 25
499K ~ 1.00M
0.1, 0.5
25
0805P
0.250
1.0 - 9.1
0.5, 1
±
50, ±100
150V
300V
-55°C ~ +125°C
10 - 800K
0.1, 1.0
±
10, ±25, ±50, ±100
1206
0.125
5.01 ~ 560K
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
1, 2, 3, 5, 10, 25, 50
150V
300V
-55°C ~ +125°C
562K ~ 1.00M
0.05, 0.1, 0.25, 0.5
10, 25
1206P
0.500
1.0 - 9.1
0.5, 1
±
50, ±100
150V
300V
-55°C ~ +125°C
10 ~ 1.00M
0.1, 1.0
±
10, ±25, ±50, ±100
1210
0.250
100 ~ 330K
0.1
±
5, ±10
200V
400V
-55°C ~ +125°C
51.0 ~ 2.00M
0.1, 0.5
±
25
10.0 ~ 49.9
0.5
±
50
1217
0.250
5.10 ~ 1.00M
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
±
1, 2, 3, 5, 10, 25
200V
400V
-55°C ~ +155°C
2010
0.250
100 ~ 20.0K
0.01, 0.05, 0.1, 0.25, 0.5
±
5
150V
300V
-55°C ~ +125°C
50.0 ~ 40.0K
0.01, 0.05, 0.1, 0.25, 0.5
±
10
10.0 ~500K
0.01, 0.05
±
25
4.70 -1.00M
0.1, 0.25, 0.5, 1
10.0 ~500K
0.01, 0.05
±
50
1.00 ~ 1.00M
0.1, 0.25, 0.5, 1
2020
0.500
5.10 ~ 2.00M
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
±
1, 2, 3, 5, 10, 25
350V
700V
-55°C ~ +155°C
2045
1.000
20.0 ~ 4.99M
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
±
1, 2, 3, 5, 10, 25
500V
1000V
-55°C ~ +155°C
2512
0.500
100 ~ 20.0K
0.01, 0.05, 0.1, 0.25, 0.5
±
5
150V
300V
-55°C ~ +125°C
50.0 ~ 40.0K
0.01, 0.05, 0.1, 0.25, 0.5
±
10
10.0R ~ 500K
0.01, 0.05
±
25
4.70 -1.00M
0.1, 0.25, 0.5, 1
10.0R ~ 500K
0.01, 0.05
±
50
1.00 1.00M
0.1, 0.25, 0.5, 1
* Rated Voltage: √PxR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com