Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP20NM65N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP20NM65N
Description  Low gate input resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20NM65N Datasheet(HTML) 5 Page - STMicroelectronics

  STP20NM65N Datasheet HTML 1Page - STMicroelectronics STP20NM65N Datasheet HTML 2Page - STMicroelectronics STP20NM65N Datasheet HTML 3Page - STMicroelectronics STP20NM65N Datasheet HTML 4Page - STMicroelectronics STP20NM65N Datasheet HTML 5Page - STMicroelectronics STP20NM65N Datasheet HTML 6Page - STMicroelectronics STP20NM65N Datasheet HTML 7Page - STMicroelectronics STP20NM65N Datasheet HTML 8Page - STMicroelectronics STP20NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
STB20NM65N-STI20NM65N-STF20NM65N-STP20NM65N-STW20NM65N Electrical characteristics
5/18
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD =325 V, ID = 9.5 A
RG =4.7Ω VGS = 10 V
(see Figure 18)
25
10
80
20
ns
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
19
76
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD = 19A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 19A, di/dt = 100 A/µs
VDD = 100 V, TJ = 25°C
(see Figure 20)
460
7
30
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 19A, di/dt = 100 A/µs
VDD = 100 V, TJ = 150°C
(see Figure 20)
620
9
29
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com