Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CT201003APM Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # CT201003APM
Description  Thin Film Precision Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CT201003APM Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  CT201003APM Datasheet HTML 1Page - American Accurate Components, Inc. CT201003APM Datasheet HTML 2Page - American Accurate Components, Inc. CT201003APM Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
American Accurate Components, Inc.
Thin Film Precision Chip Resistors
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
3
PERFORMANCE & ENVIRONMENTAL SPECIFICATIONS
Test Item
Maximum ∆ Ω +0.05Ω (Tolerance)
Condition
A
B, C
D, F
Short Time Overload
± 0.1%
± 0.1%
± 0.5%
2.5 times of the rated voltage shall be applied for 5 seconds
Load Life
± 0.1%
± 0.25%
± 0.5%
The resistor shall be subjected to rated voltage for 90 min. followed by a pause of
30 min. at a temperature of 70±3ºC. This constitutes 1 cycle. Cycles shall be
repeated for 1000 hours.
Moisture Load Life
± 0.1%
± 0.25%
± 0.5%
The resistor subjected to rated voltage for 90 min followed by a pause for 30 min
at a temperature of 60±2ºC with relative humidity of 90% to 95%. This constitutes
1 cycle. Cycles shall be repeated for 1000 hours.
Temperature Cycle
± 0.1%
± 0.1%
± 0.5%
[-55ºC 30 min → +125ºC 30 min → R.T. 3 min] The resistor shall be subjected to
5 continuous cycles
Resistance to Solder Heat
± 0.05%
± 0.1%
± 0.5%
The resistor shall withstand dipped into solder for 10±1 sec. At 260±5ºC
Terminal Strength
± 0.1%
± 0.1%
± 0.5%
Distance between fulcrums: 90mm; Bending width: 3 mm
Solderability
A new uniform coating of solder
shall cover minimum of 95% of
surface being immersed
The resistor shall be dipped into the solder of 235±5ºC for 3±0.5 seconds
Insulation Resistance
DC 500V for 1 minute
1000 Meg Ω or over
VALUE MARKING
For those parts ordered with an E-24 value, the product will be
marked with a 3 digit code. For those products ordered with an
E-96 value, the product will be marked with a 4 digit code. For
those parts which fall under E-96 and E-24 values (e.g. 1K ohm
is both an E-96 and E-24 value), the part will be marked with a 3
digit code; 4 digit markings for this type is available upon special
request.
0201, and 0402 Size
No marking
E-24 & E-96 Values
Custom Value Any Size
0603 Size
EIA 96 Digit Code of 3.32K ohm
E-96 Values
0603 ~ 2512 Sizes
EIA 3 Digit Code of 10K ohm resistor
E-24 Values, E-96 Values
0805 ~ 2512 Sizes
EIA 4 Digit Code of 121K ohm resistor
E-96 Values
LABEL DESCRIPTION
One side surface of a reel is marked with a label with the
following items of information.
1.
Chip Resistor
2.
Part Number
3.
Tolerance
4.
Quantity
5.
Lot number for production month/year*
6.
Manufacturer’s name or symbol
* The suffix “L” indicates that this item is lead free. As of September 2004, all new
production items of the series CR and CJ are no longer containing tin/lead (SnPb)
terminals; they are lead free and in compliance with Lead Free/RoHS.
PACKAGE QUANTITY
Type
0201
0402
0603
0805
1206
M
5,000
10,000
5,000
5,000
5,000
O
1,000
1,000
1,000
1,000
1,000
Type
1210
1217
2010
2020
2045
2512
B
5,000
2,000
4,000
2,000
3,000
4,000
O
1,000
1,000
1,000
1,000
1,000
1,000
REEL SCHEMATIC & DIMENSIONS (mm)
O & M Type
M Type
7” Reel
13” Reel
C
∅
13± 0.2
∅
13±0.2
E
60±0.5
100±0.2
F
11.4±1.0
13.5±1.0
G
9.0±0.3
9.5±0.5
H
1.5±0.3
2.0±0.5
M
∅
180±2.0
∅
330±2.0
Reel size is dependent upon the package
quantity& resistor size. Call for more info.
TAPE SCHEMATIC
TAPE DIMENSIONS (mm)
0201
0402
0603
0805
1206
A
0.41±0.1
0.65±0.1
1.1±0.1
1.6±0.15
2.0±0.15
B
0.71±0.1
1.15±0.1
1.9±0.1
2.4±0.2
3.6±0.2
W
8.0±0.2
8.0±0.2
8.0±0.2
8.0±0.2
8.0±0.2
E
1.75±0.10
1.75±0.10
1.75±0.1
1.75±0.1
1.75±0.1
F
3.5±0.05
3.5±0.05
3.5±0.05
3.5±0.05
3.5±0.05
P1
2.0±0.05
2.0±0.05
4.0±0.1
4.0±0.1
4.0±0.1
T
0.5max
0.55±0.1
0.64±0.1
0.84±0.1
0.84±0.1
Tp
0.4+0.05
0.40±0.05
1210
1217
2010
2020
2045
2512
A
2.9±0.1
3.5±0.1
2.9±0.1
5.5±0.1
5.4±0.1
2.9±0.1
B
3.5±0.1
4.9±0.1
5.3±0.1
5.5±0.1
11.9±0.1
5.3±0.1
W
8.0±0.2
12.0±0.2
12.0±0.2
12.0±0.2
24.0±0.2
12.0±0.2
E
1.75±0.1
1.75±0.1
1.75±0.1
1.75±0.1
1.75±0.1
1.75±0.1
F
3.5±0.05
5.5±0.1
5.5±0.1
5.5±0.1
11.5±0.1
5.5±0.05
P1
4.0±0.1
8.0±0.1
4.0±0.1
8.0±0.1
8.0±0.1
4.0±0.1
T
0.90±0.1
0.90±0.1
1.0±0.1
1.0±0.1
1.0±0.1
1.0±0.1
Tp
0.75±0.1
0.25±0.1
0.25±0.1
51B
1213
103



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com