Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW69N65M5-4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW69N65M5-4
Description  Easy to drive
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW69N65M5-4 Datasheet(HTML) 1 Page - STMicroelectronics

  STW69N65M5-4 Datasheet HTML 1Page - STMicroelectronics STW69N65M5-4 Datasheet HTML 2Page - STMicroelectronics STW69N65M5-4 Datasheet HTML 3Page - STMicroelectronics STW69N65M5-4 Datasheet HTML 4Page - STMicroelectronics STW69N65M5-4 Datasheet HTML 5Page - STMicroelectronics STW69N65M5-4 Datasheet HTML 6Page - STMicroelectronics STW69N65M5-4 Datasheet HTML 7Page - STMicroelectronics STW69N65M5-4 Datasheet HTML 8Page - STMicroelectronics STW69N65M5-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
January 2014
DocID024925 Rev 2
1/13
STW69N65M5-4
N-channel 650 V, 0.037
Ω typ., 58 A, MDmesh™ V Power MOSFET
in a TO247-4 package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Higher V
DS
rating
• Higher dv/dt capability
• Excellent switching performance thanks to the
extra driving source pin
• Easy to drive
• 100% avalanche tested
Applications
• High efficiency switching applications:
–Servers
–PV inverters
Telecom infrastructure
Multi kW battery chargers
Description
This device is an N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Drain(1)
Gate(4)
Driver
source(3)
Power
source(2)
AM10177v1
TO247-4
1
2
3
4
Order code
VDS @ TJmax
RDS(on)
max
ID
STW69N65M5-4
710 V
0.045
Ω
58 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STW69N65M5-4
69N65M5
TO247-4
Tube
www.st.com


Similar Part No. - STW69N65M5-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW69N65M5 STMICROELECTRONICS-STW69N65M5 Datasheet
672Kb / 16P
N-channel 650 V, 0.037 Ω typ., 58 A MDmesh™ V Power MOSFET in TO-3PF and TO-247 packages
28-Sep-2012
logo
Inchange Semiconductor ...
STW69N65M5 ISC-STW69N65M5 Datasheet
420Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - STW69N65M5-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480 LINER-LTC2480 Datasheet
535Kb / 40P
16-Bit ADC with Easy Drive
logo
Fairchild Semiconductor
FCH041N60E FAIRCHILD-FCH041N60E Datasheet
565Kb / 9P
N-Channel SuperFET짰 II Easy-Drive MOSFET
logo
Abracon Corporation
APAMP-112 ABRACON-APAMP-112 Datasheet
3Mb / 3P
Easy to install
10.27.14
logo
Ohmite Mfg. Co.
RES-TC-PECOS OHMITE-RES-TC-PECOS Datasheet
121Kb / 1P
Easy to Install
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-9140 AVAGO-AEDT-9140 Datasheet
233Kb / 9P
Easy to mount
logo
ON Semiconductor
FCB260N65S3 ONSEMI-FCB260N65S3 Datasheet
316Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive
August, 2019 ??Rev. 4
FCD260N65S3 ONSEMI-FCD260N65S3 Datasheet
416Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive
August, 2019 ??Rev. 3
logo
Maxim Integrated Produc...
MAX1403EVSYSTEM MAXIM-MAX1403EVSYSTEM Datasheet
1Mb / 20P
Easy to Configure
Rev 0; 5/99
logo
ON Semiconductor
FCH125N65S3R0 ONSEMI-FCH125N65S3R0 Datasheet
445Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive
August, 2019 ??Rev. 5
FCH165N65S3R0 ONSEMI-FCH165N65S3R0 Datasheet
435Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive
August, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com