Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T12T Datasheet(PDF) 7 Page - STMicroelectronics

Part # T12T
Description  Snubberless™ logic level and standard 12 A Triacs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T12T Datasheet(HTML) 7 Page - STMicroelectronics

  T12T Datasheet HTML 1Page - STMicroelectronics T12T Datasheet HTML 2Page - STMicroelectronics T12T Datasheet HTML 3Page - STMicroelectronics T12T Datasheet HTML 4Page - STMicroelectronics T12T Datasheet HTML 5Page - STMicroelectronics T12T Datasheet HTML 6Page - STMicroelectronics T12T Datasheet HTML 7Page - STMicroelectronics T12T Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DocID16487 Rev3
7/8
T12T
Ordering information
8
3
Ordering information
Figure 13. Ordering information scheme
4
Revision history
Table 7. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
T1210T-6I
T1210T-6I
TO-220AB-ins.
2.3 g
50
Tube
T1220T-6I
T1220T-6I
T1225T-6I
T1225T-6I
T1235T-6I
T1235T-6I
T
12
10
T
-
6
I
Triac
Current
Sensitivity
Application specific
Voltage
Package
I = TO-220AB-Ins.
12 = 12 A
10 = 10 mA
20 = 20 mA
25 = 25 mA
35 = 35 mA
6 = 600 V
Table 8. Document revision history
Date
Revision
Changes
03-Dec-2009
1
Initial release.
18-Jan-2010
2
Updated pag.1.
16-Sep-2013
3
Updated: Features. Replaced order codes with part numbers in
Table 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com